Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTEU-EC Datasheet(PDF) 1 Page - Festo Corporation.

Part # CTEU-EC
Description  Bus node
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

CTEU-EC Datasheet(HTML) 1 Page - Festo Corporation.

  CTEU-EC Datasheet HTML 1Page - Festo Corporation. CTEU-EC Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bus node
CTEU-EC
Part number: 572556
Data sheet
Feature
Value
Dimensions W x L x H
40 mm x 91 mm x 50 mm
Type of mounting
On electrical interface
On electrical sub-base
KC characters
KC EMC
Fieldbus interface, protocol
EtherCAT
Power supply, function
Electronics and load
Power supply, connection technology
M12x1, A-coded as per EN 61076-2-101
Power supply, type of connection
Plug
Fieldbus interface, type
Ethernet
Fieldbus interface, function
Bus connection, incoming/forwarding
Fieldbus interface, transmission rate
100 Mbit/s
Fieldbus interface, galvanic isolation
yes
Fieldbus interface, connection pattern
00995716
Power supply, connection pattern
00995383
Fieldbus interface, connection technology
M12x1, D-coded as per EN 61076-2-101
Fieldbus interface, connection type
2x socket
Note on degree of protection
In mounted state
Unused connections sealed
Fieldbus interface, number of poles/wires
4
Power supply, number of pins/wires
5
Width dimension
40 mm
Type code
CTEU
Diagnostics
Communication error
System diagnostics
Undervoltage
Configuration support
XML file
Additional functions
Acyclic data access via "SDO"
Diagnostic object
Emergency message
Modular Device Profile (MDP)
Parameterization
Activate diagnostics
Fail-safe and idle response
Control elements
DIL switch
Internal cycle time
1 ms per 1 byte of user data
DC operating voltage range
18 V ... 30 V
Intrinsic current consumption at nominal operating voltage
Typ. 60 mA
Max. power supply
4 A
Nominal operating voltage DC
24 V
6/8/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - CTEU-EC

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CTEU-EP FESTO-CTEU-EP Datasheet
79Kb / 2P
Bus node
More results

Similar Description - CTEU-EC

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
570038 FESTO-570038 Datasheet
80Kb / 2P
Bus node
570039 FESTO-570039 Datasheet
81Kb / 2P
Bus node
570040 FESTO-570040 Datasheet
78Kb / 2P
Bus node
572555 FESTO-572555 Datasheet
78Kb / 2P
Bus node
1544198 FESTO-1544198 Datasheet
78Kb / 2P
Bus node
8087559 FESTO-8087559 Datasheet
70Kb / 2P
Bus node
195740 FESTO-195740 Datasheet
87Kb / 2P
Bus node
195748 FESTO-195748 Datasheet
85Kb / 2P
Bus node
548751 FESTO-548751 Datasheet
95Kb / 2P
Bus node
2735960 FESTO-2735960 Datasheet
90Kb / 2P
Bus node
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com