Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

48DV-2CVC-L Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 48DV-2CVC-L
Description  BARGRAPH INDICATING ALARM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

48DV-2CVC-L Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  48DV-2CVC-L Datasheet HTML 1Page - M-System Co.,Ltd. 48DV-2CVC-L Datasheet HTML 2Page - M-System Co.,Ltd. 48DV-2CVC-L Datasheet HTML 3Page - M-System Co.,Ltd. 48DV-2CVC-L Datasheet HTML 4Page - M-System Co.,Ltd. 48DV-2CVC-L Datasheet HTML 5Page - M-System Co.,Ltd. 48DV-2CVC-L Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
48DV
ES-9313 Rev.13
Specifications subject to change without notice.
P. 2 / 6
INPUT & OUTPUT
■INPUT
•DC Current: 0 – 50mA DC; input resistor incorpo-
rated (2W)
Minimum span: 1mA
Input resistance
Input
Input Resistance
4 – 20mA
: 10 (Ω)
2 – 10mA
: 20
1 – 5mA
: 39
0 – 20mA
: 10
0 – 16mA
: 12
0 – 10mA
: 20
0 – 1mA
: 200
10 – 50mA
: 5.1
•DC Voltage: 0 – 10V DC
Minimum span: 1V
Input resistance: 1MΩ
■ALARM OUTPUT
Alarm Trip Operation Terminal No. in parentheses
050
100
Input
(%)
Lo Setpoint
Hi Setpoint
H Output
(8–10)ON
L Output
(3–5)ON
(3–4)ON
(9–10)ON
•Output Code : 2
050
100
Input
(%)
L
Setp.
H
Setp.
HH Output
(7–10)ON
LL Output
(3–5)ON
(3–4)ON
H Output
(3–6)ON
(8–10)ON
L Output
(9–10)ON
HH
Setp.
LL
Setp.
•Output Code : 4
Trip Operation in Power Failure
: terminals 3 – 5, 9 – 10 turn ON
•Relay Contact: 125V AC @0.5A (cosø=1)
30V DC @2A (resistive load)
electrical life ≥5 × 105 cycles (rate 30/min.)
Maximum switching voltage: 250V AC or 220V DC
Maximum switching power: 125VA or 60W
Minimum load: 10mV DC @10µA
Mechanical life: ≥108 cycles
INSTALLATION
Power input
AC:
operational voltage range 85 – 132V or
170 – 264V, 47 – 63 Hz, approx. 7VA
DC:
operational voltage range 24V ±15%,
approx. 6W (ripple 10% p-p max.)
Operating temperature: 0 to 45°C (32 to 113°F)
Operating humidity: 40 to 80% RH (non-condensing)
Mounting: panel flush mounting
Dimensions: W41×H144×D164 mm (1.61"×5.67"×6.46")
Weight:
420 g (0.93 lbs)
PERFORMANCE in percentage of span
Accuracy
Bargraph: ±1% ±1 digit
Digital meter: ±0.5% ±1 digit
Setpoint accuracy
Bargraph: ±1%
Digital meter: ±0.5%
Response time: 0.5 seconds
Insulation resistance: ≥10MΩ with 500V DC
(input to output to power)
Dielectric strength: 1500V AC @1 minute
(input to power or ground)
1000V AC @1 minute (power to ground,
output to input or power or ground)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com