Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320DM6443 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6443
Description  Digital Media System on-Chip
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6443 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMS320DM6443 Datasheet HTML 83Page - Texas Instruments TMS320DM6443 Datasheet HTML 84Page - Texas Instruments TMS320DM6443 Datasheet HTML 85Page - Texas Instruments TMS320DM6443 Datasheet HTML 86Page - Texas Instruments TMS320DM6443 Datasheet HTML 87Page - Texas Instruments TMS320DM6443 Datasheet HTML 88Page - Texas Instruments TMS320DM6443 Datasheet HTML 89Page - Texas Instruments TMS320DM6443 Datasheet HTML 90Page - Texas Instruments TMS320DM6443 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 202 page
background image
www.ti.com
TMS320DM6443
Digital Media System on-Chip
SPRS282 – DECEMBER 2005
PSC Register Memory Map (continued)
REGISTER
HEX ADDRESS RANGE
DESCRIPTION
ACRONYM
0x01C4 1304
PDCTL1
Power Domain Control 1 Register (DSP)
0x01C4 1308 - 0x01C4 14FF
-
Reserved
0x01C4 1500
-
Reserved
0x01C4 1504
-
Reserved
0x01C4 1508 0x1C4 150F
-
Reserved
0x01C4 1510
MCKOUT0
Module Clock Output Status (mod 0-31) Register
0x01C4 1514
MCKOUT1
Module Clock Output Status (mod 32-63) Register
0x01C4 1518 - 0x01C4 15FF
-
Reserved
0x01C4 1600
MDCFG0
Module Configuration 0 Register (VPSS DMA)
0x01C4 1604
MDCFG1
Module Configuration 1 Register (VPSS MMR)
0x01C4 1608
MDCFG2
Module Configuration 2 Register (EDMACC)
0x01C4 160C
MDCFG3
Module Configuration 3 Register (EDMATC0)
0x01C4 1610
MDCFG4
Module Configuration 4 Register (EDMATC1)
0x01C4 1614
MDCFG5
Module Configuration 5 Register (EMAC)
0x01C4 1618
MDCFG6
Module Configuration 6 Register (EMAC Memory Controller)
0x01C4 161C
MDCFG7
Module Configuration 7 Register (MDIO)
0x01C4 1620
-
Reserved
0x01C4 1624
MDCFG9
Module Configuration 9 Register (USB)
0x01C4 1628
MDCFG10
Module Configuration 10 Register (ATA/CF)
0x01C4 162C
MDCFG11
Module Configuration 11 Register (VLYNQ)
0x01C4 1630
-
Reserved
0x01C4 1634
MDCFG13
Module Configuration 13 Register (DDR2)
0x01C4 1638
MDCFG14
Module Configuration 14 Register (EMIFA)
0x01C4 163C
MDCFG15
Module Configuration 15 Register (MMC/SD)
0x01C4 1640
Reserved
0x01C4 1644
MDCFG17
Module Configuration 17 Register (ASP)
0x01C4 1648
MDCFG18
Module Configuration 18 Register (I2C)
0x01C4 164C
MDCFG19
Module Configuration 19 Register (UART0)
0x01C4 1650
MDCFG20
Module Configuration 20 Register (UART1)
0x01C4 1654
MDCFG21
Module Configuration 21 Register (UART2)
0x01C4 1658
MDCFG22
Module Configuration 22 Register (SPI)
0x01C4 165C
MDCFG23
Module Configuration 23 Register (PWM0)
0x01C4 1660
MDCFG24
Module Configuration 24 Register (PWM1)
0x01C4 1664
MDCFG25
Module Configuration 25 Register (PWM2)
0x01C4 1668
MDCFG26
Module Configuration 26 Register (GPIO)
0x01C4 166C
MDCFG27
Module Configuration 27 Register (TIMER0)
0x01C4 1670
MDCFG28
Module Configuration 28 Register (TIMER1)
0x01C4 1674 - 0x01C4 169B
-
Reserved
0x01C4 169C
MDCFG39
Module Configuration 39 Register (C64x+ CPU)
0x01C4 16A0
-
Reserved
0x01C4 16A4 - 0x01C4 17FF
-
Reserved
0x01C4 1800
MDSTAT0
Module Status 0 Register (VPSS DMA)
0x01C4 1804
MDSTAT1
Module Status 1 Register (VPSS MMR)
0x01C4 1808
MDSTAT2
Module Status 2 Register (EDMACC)
0x01C4 180C
MDSTAT3
Module Status 3 Register (EDMATC0)
0x01C4 1810
MDSTAT4
Module Status 4 Register (EDMATC1)
Peripheral and Electrical Specifications
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com