Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD813F1V-70MIT Datasheet(PDF) 54 Page - STMicroelectronics

Part # PSD813F1V-70MIT
Description  Flash In-System Programmable (ISP) Peripherals for 8-bit MCUs, 3.3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F1V-70MIT Datasheet(HTML) 54 Page - STMicroelectronics

Back Button PSD813F1V-70MIT Datasheet HTML 50Page - STMicroelectronics PSD813F1V-70MIT Datasheet HTML 51Page - STMicroelectronics PSD813F1V-70MIT Datasheet HTML 52Page - STMicroelectronics PSD813F1V-70MIT Datasheet HTML 53Page - STMicroelectronics PSD813F1V-70MIT Datasheet HTML 54Page - STMicroelectronics PSD813F1V-70MIT Datasheet HTML 55Page - STMicroelectronics PSD813F1V-70MIT Datasheet HTML 56Page - STMicroelectronics PSD813F1V-70MIT Datasheet HTML 57Page - STMicroelectronics PSD813F1V-70MIT Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 110 page
background image
PSD813F1V
54/110
MCU I/O Mode
In the MCU I/O Mode, the microcontroller uses the
PSD ports to expand its own I/O ports. By setting
up the CSIOP space, the ports on the PSD are
mapped into the microcontroller address space.
The addresses of the ports are listed in Table
6., page 17.
A port pin can be put into MCU I/O mode by writing
a ‘0’ to the corresponding bit in the Control Regis-
ter. The MCU I/O direction may be changed by
writing to the corresponding bit in the Direction
Register, or by the output enable product term.
See
the
section
entitled
Peripheral
I/O
Mode, page 56. When the pin is configured as an
output, the content of the Data Out Register drives
the pin. When configured as an input, the micro-
controller can read the port input through the Data
In buffer. See Figure 27., page 53.
Ports C and D do not have Control Registers, and
are in MCU I/O mode by default. They can be used
for PLD I/O if equation are written for them in PS-
Dabel.
PLD I/O Mode
The PLD I/O Mode uses a port as an input to the
CPLD’s Input Macrocells, and/or as an output from
the CPLD’s Output Macrocells. The output can be
tri-stated with a control signal. This output enable
control signal can be defined by a product term
from the PLD, or by setting the corresponding bit
in the Direction Register to ‘0.’ The corresponding
bit in the Direction Register must not be set to ‘1’ if
the pin is defined as a PLD input pin in PSDabel.
The PLD I/O Mode is specified in PSDabel by de-
claring the port pins, and then writing an equation
assigning the PLD I/O to a port.
Address Out Mode
For microcontrollers with a multiplexed address/
data bus, Address Out Mode can be used to drive
latched addresses onto the port pins. These port
pins can, in turn, drive external devices. Either the
output enable or the corresponding bits of both the
Direction Register and Control Register must be
set to a ‘1’ for pins to use Address Out Mode. This
must be done by the MCU at run-time. See Table
21., page 55 for the address output pin assign-
ments on Ports A and B for various MCUs.
For non-multiplexed 8-bit bus mode, address lines
A7-A0 are available to Port B in Address Out
Mode.
Note: do not drive address lines with Address Out
Mode to an external memory device if it is intended
for the MCU to boot from the external device. The
MCU must first boot from PSD memory so the Di-
rection and Control register bits can be set.
Table 19. Port Operating Modes
Note: 1. Can be multiplexed with other I/O functions.
Port Mode
Port A
Port B
Port C
Port D
MCU I/O
Yes
Yes
Yes
Yes
PLD I/O
McellAB Outputs
McellBC Outputs
Additional Ext. CS Outputs
PLD Inputs
Yes
No
No
Yes
Yes
Yes
No
Yes
No
Yes
No
Yes
No
No
Yes
Yes
Address Out
Yes (A7-A0
Yes (A7-A0)
or (A15-A8)
No
No
Address In
Yes
Yes
Yes
Yes
Data Port
Yes (D7-D0)
No
No
No
Peripheral I/O
Yes
No
No
No
JTAG ISP
No
No
Yes1
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com