Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISOS141FDBQSEP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ISOS141FDBQSEP
Description  ISOS141-SEP Radiation Tolerant High-Speed Quad-Channel Digital Isolator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISOS141FDBQSEP Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISOS141FDBQSEP Datasheet HTML 16Page - Texas Instruments ISOS141FDBQSEP Datasheet HTML 17Page - Texas Instruments ISOS141FDBQSEP Datasheet HTML 18Page - Texas Instruments ISOS141FDBQSEP Datasheet HTML 19Page - Texas Instruments ISOS141FDBQSEP Datasheet HTML 20Page - Texas Instruments ISOS141FDBQSEP Datasheet HTML 21Page - Texas Instruments ISOS141FDBQSEP Datasheet HTML 22Page - Texas Instruments ISOS141FDBQSEP Datasheet HTML 23Page - Texas Instruments ISOS141FDBQSEP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
9 Detailed Description
9.1 Overview
The ISOS141-SEP has an ON-OFF keying (OOK) modulation scheme to transmit the digital data across a
silicon dioxide based isolation barrier. The transmitter sends a high frequency carrier across the barrier to
represent one digital state and sends no signal to represent the other digital state. The receiver demodulates
the signal after advanced signal conditioning and produces the output through a buffer stage. If the ENx pin
is low then the output goes to high impedance. The ISOS141-SEP device also incorporates advanced circuit
techniques to maximize the CMTI performance and minimize the radiated emissions due to the high frequency
carrier and IO buffer switching. The conceptual block diagram of a digital capacitive isolator, Figure 9-1, shows a
functional block diagram of a typical channel.
9.2 Functional Block Diagram
TX IN
Oscillator
OOK
Modulation
Transmitter
Emissions
Reduction
Techniques
TX Signal
Conditioning
Envelope
Detection
RX Signal
Conditioning
Receiver
EN
RX OUT
SiO2 based
Capacitive
Isolation
Barrier
Copyright © 2016, Texas Instruments Incorporated
Figure 9-1. Conceptual Block Diagram of a Digital Capacitive Isolator
Figure 9-2 shows a conceptual detail of how the ON-OFF keying scheme works.
TX IN
RX OUT
Carrier signal through
isolation barrier
Figure 9-2. On-Off Keying (OOK) Based Modulation Scheme
ISOS141-SEP
SLLSFN1 – MAY 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: ISOS141-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com