Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD151TS304ARP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD151TS304ARP
Description  Spread Spectrum Clock for EMI Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS304ARP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD151TS304ARP Datasheet HTML 2Page - Renesas Technology Corp HD151TS304ARP Datasheet HTML 3Page - Renesas Technology Corp HD151TS304ARP Datasheet HTML 4Page - Renesas Technology Corp HD151TS304ARP Datasheet HTML 5Page - Renesas Technology Corp HD151TS304ARP Datasheet HTML 6Page - Renesas Technology Corp HD151TS304ARP Datasheet HTML 7Page - Renesas Technology Corp HD151TS304ARP Datasheet HTML 8Page - Renesas Technology Corp HD151TS304ARP Datasheet HTML 9Page - Renesas Technology Corp HD151TS304ARP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
HD151TS304ARP
Rev.4.00, May.19.2003, page 6 of 12
AC Electrical Characteristics / Clock Output & SSC Clock Output
Ta = 25°C, VDD = 3.3 V, CL = 15 pF
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Notes
—
| 250 |
| 300 |
SSCCLKOUT,
24 MHz
—
| 250 |
| 300 |
SSCCLKOUT,
48 MHz
SSCOFF
SEL1:0 = 10
Fig1
—
| 250 |
| 300 |
SSCCLKOUT,
24 MHz
—
| 250 |
| 300 |
SSCCLKOUT,
48 MHz
SSC=
±0.25%
SEL1:0 = 11
Fig1
—
| 250 |
| 300 |
SSCCLKOUT,
24 MHz
—
| 250 |
| 300 |
SSCCLKOUT,
48 MHz
SSC=
±1.5%
SEL1:0 = 01
Fig1
Cycle to cycle jitter
*1, 2
tCCS
—
| 250 |
| 300 |
ps
CLKOUT,
24 MHz & 48MHz
Fig1
23.8
—
24.2
SSCCLKOUT,
XIN = 24 MHz
47.3
—
48.7
SSCCLKOUT,
XIN = 48 MHz
SSCOFF
SEL1:0 = 10
23.7
—
24.3
SSCCLKOUT,
XIN = 24 MHz
47.2
—
48.8
SSCCLKOUT,
XIN = 48 MHz
SSC=
±0.25%
SEL1:0 = 11
23.4
—
24.6
SSCCLKOUT,
XIN = 24 MHz
46.6
—
49.4
SSCCLKOUT,
XIN = 48 MHz
SSC=
±1.5%
SEL1:0 = 01
23.8
—
24.2
CLKOUT,
24 MHz
Output frequency
*1, 2
47.3
—
48.7
MHz
CLKOUT,
48 MHz
Slew rate
*1
tSL
0.8
—
—
V/ns
@48 MHz CLKOUT 0.4 V to 2.4 V
Clock duty cycle
*1
45
50
55
%
Output impedance
*1
—40
—
Ω
Spread spectrum
modulation frequency
*1
—
33
—
KHz
@48 MHz
SSCCLKOUT
Input clock frequency
10
—
60
MHz
Stabilization time
*1,3
——
2
ms
Notes:
1.
Parameters are target of design. Not 100% tested in production.
2.
Cycle to cycle jitter and output frequency are included spread spectrum modulation.
3.
Stabilization time is the time required for the integrated circuit to obtain phase lock of its input signal after
power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com