Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADG5298 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG5298
Description  High Temperature, High Voltage, Latch-Up Proof, 8-Channel Multiplexer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5298 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG5298 Datasheet HTML 9Page - Analog Devices ADG5298 Datasheet HTML 10Page - Analog Devices ADG5298 Datasheet HTML 11Page - Analog Devices ADG5298 Datasheet HTML 12Page - Analog Devices ADG5298 Datasheet HTML 13Page - Analog Devices ADG5298 Datasheet HTML 14Page - Analog Devices ADG5298 Datasheet HTML 15Page - Analog Devices ADG5298 Datasheet HTML 16Page - Analog Devices ADG5298 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
ADG5298
Rev. 0 | Page 13 of 20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD = 12V, VSS = 0V
VDD = 36V, VSS = 0V
VDD = +15V, VSS = –15V
VDD = +20V, VSS = –20V
–55
–25
5
35
65
95
125
155
185
215
Figure 28. IDD vs Temperature
–1
0
1
2
3
4
5
6
7
TEMPERATURE (°C)
VDD = 12V, VSS = 0V
VDD = 36V, VSS = 0V
VDD = +15V, VSS = –15V
VDD = +20V, VSS = –20V
–55
–25
5
35
65
95
125
155
185
215
Figure 29. ISS vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com