Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADGS5414BCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADGS5414BCPZ
Description  SPI Interface, Octal SPST Switches, 13.5 廓 RON, 짹20 V/36 V, Mux
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS5414BCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADGS5414BCPZ Datasheet HTML 9Page - Analog Devices ADGS5414BCPZ Datasheet HTML 10Page - Analog Devices ADGS5414BCPZ Datasheet HTML 11Page - Analog Devices ADGS5414BCPZ Datasheet HTML 12Page - Analog Devices ADGS5414BCPZ Datasheet HTML 13Page - Analog Devices ADGS5414BCPZ Datasheet HTML 14Page - Analog Devices ADGS5414BCPZ Datasheet HTML 15Page - Analog Devices ADGS5414BCPZ Datasheet HTML 16Page - Analog Devices ADGS5414BCPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Data Sheet
ADGS5414
Rev. 0 | Page 13 of 30
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 8.
Parameter
Rating
VDD to VSS
48 V
VDD to GND
−0.3 V to +48 V
VSS to GND
+0.3 V to −48 V
VL to GND
−0.3 V to +5.75 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Digital Inputs1
−0.3 V to +5.75 V
Peak Current, Sx or Dx Pins
422 mA (pulsed at 1 ms, 10%
duty cycle maximum)
Continuous Current, Sx or Dx
Pins2
Data (see Table 5 and Table 6) +
15%
Operating Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Reflow Soldering Peak
Temperature, Pb Free
260(+0 or −5)°C
Human Body Model (HBM)
Electrostatic Discharge (ESD)
8 kV
1 Overvoltages at the Sx and Dx pins are clamped by internal diodes. Limit
current to the maximum ratings given.
2 See Table 5 and Table 6.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Only one absolute maximum rating can be applied at any
one time.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Close attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Table 9. Thermal Resistance
Package Type
θJA
θJC2
Unit
CP-24-171
50
3.28
°C/W
1 Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board. See JEDEC JESD51.
2 θJCB is the junction to the bottom of the case value.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com