Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1026 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC1026
Description  Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1026 Datasheet(HTML) 3 Page - Microchip Technology

  TC1026 Datasheet HTML 1Page - Microchip Technology TC1026 Datasheet HTML 2Page - Microchip Technology TC1026 Datasheet HTML 3Page - Microchip Technology TC1026 Datasheet HTML 4Page - Microchip Technology TC1026 Datasheet HTML 5Page - Microchip Technology TC1026 Datasheet HTML 6Page - Microchip Technology TC1026 Datasheet HTML 7Page - Microchip Technology TC1026 Datasheet HTML 8Page - Microchip Technology TC1026 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2002 Microchip Technology Inc.
DS21725B-page 3
TC1026
TC1026 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Typical values apply at 25°C and VDD =3.0V; TA = -40° to +85°C, and VDD = 1.8V to 5.5V, unless
otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
PSRR
Power Supply Rejection Ratio
60
—
—
dB
TA =25°C
VDD =1.8V to 5V
ISRC
Output Source Current
1
—
—
mA
IN+ = VDD
Output ShortedtoVSS
VDD =1.8V
ISINK
Output Sink Current
2
—
—
mA
IN+ = VSS
Output ShortedtoVDD
VDD =1.8V
tPD1
Response Time
—
4
—
µsec
100mV Overdrive, CL = 100pF
tPD2
Response Time
—
6
—
µsec
10mV Overdrive, CL = 100pF
Voltage Reference
VREF
Reference Voltage
1.176
1.200
1.221
V
IREF(SOURCE) Source Current
50
—
—
µA
IREF(SINK)
Sink Current
50
—
—
µA
CL(REF)
Load Capacitance
—
—
100
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com