Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TC1026CEPA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC1026CEPA
Description  Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1026CEPA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1026CEPA Datasheet HTML 2Page - Microchip Technology TC1026CEPA Datasheet HTML 3Page - Microchip Technology TC1026CEPA Datasheet HTML 4Page - Microchip Technology TC1026CEPA Datasheet HTML 5Page - Microchip Technology TC1026CEPA Datasheet HTML 6Page - Microchip Technology TC1026CEPA Datasheet HTML 7Page - Microchip Technology TC1026CEPA Datasheet HTML 8Page - Microchip Technology TC1026CEPA Datasheet HTML 9Page - Microchip Technology TC1026CEPA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC1026
DS21725B-page 6
© 2002 Microchip Technology Inc.
FIGURE 4-1:
COMPARATOR
EXTERNAL HYSTERESIS
CONFIGURATION
4.2
Precision Battery Monitor
Figure 4-2 is a precision battery low/battery dead
monitoring circuit. Typically, the battery low output
warns the user that a battery dead condition is
imminent. Battery dead typically initiates a forced
shutdown to prevent operation at low internal supply
voltages (which can cause unstable system operation).
The circuit of Figure 4-2 uses two TC1026 devices and
only six external resistors. AMP 1 is a simple buffer
while CMPTR1 and CMPTR2 provide precision voltage
detection using VR as a reference. Resistors R2 and
R4 set the detection threshold for BATT LOW while
resistors R1and R3 set the detection threshold for
BATT FAIL. The component values shown assert
BATT LOW at 2.2V (typical) and BATT FAIL at 2.0V
(typical). Total current consumed by this circuit is
typically 28
µA at 3V. Resistors R5 and R6 provide
hysteresis for comparators CMPTR1 and CMPTR2,
respectively.
4.3
Voice Band Receive Filter
The majority of spectral energy for human voices is in
a 2.7kHz frequency band from 300Hz to 3kHz. To
properly recover a voice signal in applications such as
radios, cellular phones and voice pagers, a low-power
bandpass filter that is matched to the human voice
spectrum can be implemented using Microchip’s
CMOS op amps. Figure 4-3 shows a unity-gain multi-
pole Butterworth filter with ripple less than 0.15dB in
the human voice band. The lower 3dB cut-off frequency
is 70Hz (single-order response), while the upper cut-off
frequency is 3.5kHz (fourth-order response).
4.4
Supervisory Audio Tone (SAT)
Filter for Cellular
Supervisory Audio Tones (SAT) provide a reliable
transmission path between cellular subscriber units
and base stations. The SAT tone functions much like
the current/voltage used in land line telephone systems
to indicate that a phone is off the hook. The SAT tone
may be one of three frequencies: 5970, 6000 or
6030Hz. A loss of SAT implies that channel conditions
are impaired, and if SAT is interrupted for more than 5
seconds, a cellular call is terminated.
Figure 4-4 shows a high Q (30) first order SAT
detection bandpass filter using Microchip’s CMOS op
amp architecture. This circuit nulls all frequencies
except the three SAT tones of interest.
+
–
VR
VDD
VOUT
VSRC
RA
RB
RC
TC1026
Comparator
TC1026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com