Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9952 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9952
Description  10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9952 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9952 Datasheet HTML 17Page - NXP Semiconductors TDA9952 Datasheet HTML 18Page - NXP Semiconductors TDA9952 Datasheet HTML 19Page - NXP Semiconductors TDA9952 Datasheet HTML 20Page - NXP Semiconductors TDA9952 Datasheet HTML 21Page - NXP Semiconductors TDA9952 Datasheet HTML 22Page - NXP Semiconductors TDA9952 Datasheet HTML 23Page - NXP Semiconductors TDA9952 Datasheet HTML 24Page - NXP Semiconductors TDA9952 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
2002 Aug 21
21
Philips Semiconductors
Preliminary specification
10-bit, 3.0 V, 25 Msps analog-to-digital
interface for CCD cameras
TDA9952
0.5
1.00
A4
max.
Eh
b
UNIT
y
e
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
7.05
6.95
Dh
5.25
4.95
y1
7.05
6.95
5.25
4.95
e1
5.5
e2
5.5
0.35
0.18
0.80
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT619-1
MO-220
0.50
0.30
L
0.2
v
0.1
w
0
2.5
5 mm
scale
SOT619-1
HVQFN48: plastic, heatsink very thin quad flat package; no leads;
48 terminals; body 7 x 7 x 0.85 mm
A
max.
A
A4
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
13
24
48
37
36
25
12
1
X
D
E
C
B
A
e2
01-06-07
01-08-08
terminal 1
index area
pin 1 index
1/2
e
1/2
e
A
C
C
B
∅ v M
∅ w M
E(1)
Note
1. Plastic or metal protrusions of 0.076 mm maximum per side are not included.
D(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com