Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX17843ACB Datasheet(PDF) 81 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 81 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 77Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 78Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 79Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 80Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 81Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 82Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 83Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 84Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 85Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 131 page
background image
Cn Leakage Diagnostic
Leakage at the Cn inputs can cause the voltage seen by
the ADC to be different than that at the voltage source
due to the resistance of the external filter circuit. By utiliz-
ing an alternate measurement path, any voltage errors
as a result of Cn pin leakage can be detected. The SWn
pins are connected to the cell sources through an alter-
nate path. Implementing an HVMUX connection from
the SWn pins to the LSAMP completes the redundant
measurement path. This alternate measurement path
for the cell measurements can be enabled by setting the
ALTMUXSEL bit of the DIAGCFG register. When this bit
is set and a measurement cycle started, all cell measure-
ments are taken using the alternate path instead of the Cn
pin HVMUX connections. Measurements taken with the
normal and alternate paths can be compared and should
be nearly identical for a system with no faults. Since the
SWn pins typically have a smaller external filter time
constant than the Cn pins, increasing the oversampling
setting for this diagnostic measurement may be beneficial
for reducing measurement noise when the measurement
is taken while the cells are exposed to transient loads.
Cell Overvoltage Diagnostic
Enabling balancing switches can be used to generate a
voltage up to 2 x VCELL at the ALTMUX inputs to test the
input-range capability, assuming the cell is sufficiently
charged.
A cell-position input voltage is elevated by approximately
1.5 x VCELLn turning on either BALSWn+1 or BALSWn-1.
When the adjacent switch is turned on, the SWn pin
shared with the switch is moved by 0.5 x VCELL, which
causes VCELLn to increase by that amount when mea-
sured with the ALTMUX path. For the topmost cell posi-
tion, BALSWn-1 must be used, and for the bottom cell
position, BALSWn+1 must be used. By turning on two
adjacent switches instead of one, such as BALSWn+1
and BALSWn+2, the measured voltage is approximately
2 x VCELL, assuming all cells are at approximately the
same voltage. This technique can create an input voltage
that exceeds the overvoltage threshold to verify the higher
end of the input range and the overvoltage alert function.
Input range can also be verified by using the cell-test
sources to induce a higher cell-channel voltage. If the
change is as expected, it shows that the system can mea-
sure voltages above the present nominal input voltage.
Figure 52. Redundant HVMUX Paths
Cn
+
-
LSAMP
TO
ADC
HVMUX
BUS
HVMUX
BUS
ALTMUX
BUS
ALTMUX
BUS
RFILTER
RBALANCE
CELL n
RFILTER
RBALANCE
CFILTER
RBAL
FILTER
TO CELL n-1
TO CELL n+1
SENSE
WIRE
SENSE
WIRE
CFILTER
SWn
SWn-1
Cn-1
AGND
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com