Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX17843ACB Datasheet(PDF) 112 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 112 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 108Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 109Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 110Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 111Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 112Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 113Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 114Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 115Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 116Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 131 page
background image
BIT
POR
NAME
DESCRIPTION
D15
0
Reserved
Always reads logic-zero.
D14
D13
0
AINOVALRTEN1
Enables the AIN1 overvoltage alert.
D12
0
AINOVALRTEN0
Enables the AIN0 overvoltage alert.
D11
0
OVALRTEN[12:1]
Enables the overvoltage alert for the respective cell. Clearing also clears the associated
cell alert.
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
POR
NAME
DESCRIPTION
D6
0
OVSAMPL[2:0]
Configures for the number of oversamples in the acquisition, per table below:
D5
OVSAMPL[2:0]
OVERSAMPLES
000
1
001
4
010
8
011
16
100
32
101
64
110
128
D4
111
128
D3
0
AMENDFILT
This bit when set to ‘1’ enables the automatic transfer of the new ADC conversion from
the ALU to CELLn registers through the IIR filter at the end of the scan. The scan result is
available in the ALU as well as the CELLn registers. The default value is ‘0’, which keeps
the scan conversion data in the ALU register as an unfiltered result.
D2
0
SCANMODE
Enables top-down scan mode. Default is pyramid scan mode.
D1
0
FILTDONE
Indicates the user register has been updated with the new ADC conversion values based on
filter coefficient bits when AMENDFILT = 1. Cleared only by writing it to logic-zero to detect
update of the user registers for the next acquisition. Writing to logic-one has no effect.
D0
0
SCAN
Enables the acquisition mode and (if in double-buffer mode) transfers previous acquisition
data from ALU to data registers. Acts as a strobe bit and therefore does not need to be
cleared. Always reads logic-zero. Ignored in acquisition mode.
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 112
ALRTOVEN Register (address 0x14)
SCANCTRL Register (address 0x13) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com