Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADRF5250-EVALZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADRF5250-EVALZ
Description  0.1 GHz to 6 GHz Silicon SP5T Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5250-EVALZ Datasheet(HTML) 5 Page - Analog Devices

  ADRF5250-EVALZ Datasheet HTML 1Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 2Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 3Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 4Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 5Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 6Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 7Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 8Page - Analog Devices ADRF5250-EVALZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet
ADRF5250
Rev. 0 | Page 5 of 15
ABSOLUTE MAXIMUM RATINGS
For recommended operating conditions, see Table 1.
Table 2.
Parameter
Rating
Positive Supply Voltage (VDD)
−0.3 V to +5.5 V
Negative Supply Voltage (VSS)
−3.6 V to +0.3 V
Digital Control Input Voltage (V1, V2, V3)
−0.3 V to VDD + 0.5 V
RF Input Power
Through Path
35 dBm
Terminated Path
34 dBm
All Off State, RFC as Input
24 dBm
Hot Switching
RFC as Input
RFx to RFx
32 dBm
All Off to RFx
24 dBm
RFx as Input
RFx to RFx
34 dBm
All Off to RFx
34 dBm
Temperature
Junction, TJ
135°C
Storage
−65°C to +150°C
Reflow (MSL3 Rating)
260°C
Junction to Case Thermal Resistance, θJC
Through Path
90°C/W
Terminated Path
100°C/W
ESD Sensitivity
Human Body Model (HBM)
3.5 kV (Class 2)
Field Induced Device Model (FICDM)
1.25 kV (Class IV)
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
Only one absolute maximum rating can be applied at any
one time.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com