Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADRF6612 Datasheet(PDF) 32 Page - Analog Devices

Part # ADRF6612
Description  700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6612 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADRF6612 Datasheet HTML 28Page - Analog Devices ADRF6612 Datasheet HTML 29Page - Analog Devices ADRF6612 Datasheet HTML 30Page - Analog Devices ADRF6612 Datasheet HTML 31Page - Analog Devices ADRF6612 Datasheet HTML 32Page - Analog Devices ADRF6612 Datasheet HTML 33Page - Analog Devices ADRF6612 Datasheet HTML 34Page - Analog Devices ADRF6612 Datasheet HTML 35Page - Analog Devices ADRF6612 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
ADRF6612
Data Sheet
Rev. A | Page 32 of 57
1 TO 8191
(REG 0x21[11:0])
N = INT +
FRAC
MOD
(REG 0x02, REG 0x03,
REG 0x04)
PFD
MIXER 1 LO
MIXER 2 LO
EXTERNAL
LO INPUT
CHARGE
PUMP
2×
PRESCALER
CPOUT
C18
C20
C22
R7
R8
R10
C23
VCOVTUNE
LOOP FILTER
GNDCP
REFIN
LO DIVIDER
(1, 2, 4, 8, 16, 32)
(REG 0x22[5:3])
Figure 93. LO Generation Block Diagram
Loop Filters
Defining a loop filter for the ADRF6612 depends on several
dynamics, these being the PLL REFIN and PFD frequency and
desired PFD and fractional spur levels. Higher reference and
PFD frequencies spread the PFD spurs over a wider bandwidth
(wider separation between spurs), but also lead to higher levels
of spurs coupling through the reference divider chain. Lower
reference and PFD frequencies lower the spacing between PFD
spurs, but the spur levels can be significantly improved by using
lower frequencies. At lower PFD frequencies, it may also be
possible to achieve the desired synthesizer frequency step size
using the integer divider mode, therefore eliminating the risk of
fractional spurs. Table 17 shows the recommended loop filter
components and dynamic loop settings when using integer
mode and PFD frequencies at less than 10 MHz.
Table 17. Integer Mode Loop Filter Components and PLL
Dynamic Settings
Loop Filter Components
PLL Dynamic Settings
C18
1500 pF
R7
910 Ω
C20
33 nF
R8
1.8 kΩ
C22
560 pF
R10
20 kΩ
C23
39 pF
CSCALE
8000 µA
Bleed Current
0 µA
ABDLY
0.9 nS
If a smaller frequency step size is desired, the ADRF6612 can be
used in fractional mode. The 16-bit FRAC_DIV and MOD_DIV
values available in the ADRF6612 mean that small step sizes can
be achieved with high PFD frequencies. PFD spurs may be
higher in amplitude, but are spaced further apart. Fractional
spurs may be present as well.
Table 18. Fractional Mode Loop Filter Components and PLL
Dynamic Settings
Loop Filter Components
PLL Dynamic Settings
C18
1000 pF
R7
700 Ω
C20
33 nF
R8
1.8 kΩ
C22
560 pF
R10
20 kΩ
C23
39 pF
CSCALE
500 µA
Bleed Current
93.75 µA
ABDLY
0 nS
VCOs and Dividers
The ADRF6612 has four internal VCOs. Considering the range
of these VCOs, the fixed 2× prescaler after the VCO, and the
LO_DIV (1, 2, 4, 8, 16, and 32) range, the total LO range allows
RF generation of 200 MHz to 2700 MHz.
Table 19. VCO Range
VCO_SEL (Register 0x22, Bits[2:0])1
Frequency Range (GHz)1
000
VCO_0 = 4.6 to 5.7
001
VCO_1 =4.02 to 4.6
010
VCO_2 =3.5 to 4.02
011
VCO_3 =2.85 to 3.5
1
For VCO_0, VCO_1, VCO_2, and VCO_3, set VTUNE_DAC_SLOPE (Register 0x49,
Bits[13:9]) = 11 (decimal), VTUNE_DAC_OFFSET (Register 0x49, Bits[8:0]) =
184 (decimal), VCO_LDO_R2 (Register 0x22, Bits[11:8]) = 0 (decimal), and
VCO_LDO_R4 (Register 0x22, Bits[15:12]) = 5 (decimal).
The N-divider divides down the differential VCO signal to the PFD
frequency. The N-divider can be configured for fractional mode or
integer mode by addressing the DIV_MODE bit (Register 0x02,
Bit 15). The default configuration is set for fractional mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com