Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F16F Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # F16F
Description  FAST RECOVERY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

F16F Datasheet(HTML) 1 Page - Rectron Semiconductor

  F16F Datasheet HTML 1Page - Rectron Semiconductor F16F Datasheet HTML 2Page - Rectron Semiconductor F16F Datasheet HTML 3Page - Rectron Semiconductor F16F Datasheet HTML 4Page - Rectron Semiconductor F16F Datasheet HTML 5Page - Rectron Semiconductor F16F Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FAST RECOVERY RECTIFIER
VOLTAGE RANGE 1600 Volts CURRENT 0.5 Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Resistive or inductive load.
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
* Fast switching
* Glass passivated device
* Low forward voltage drop
* High surge capabitity
* High reliability
* Anti-ESD and Flat lead frame
*Epoxy: Device has UL flammability classification 94V-O
* Mounting position: Any
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
@ TA=25
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
0.5
25
Amps
0 C
Storage Temperature Range
IO
Operating Temperature Range
TJ
F16F
1600
1120
1600
-55 to + 150
0 C
Typical Junction Capacitance(Note 1)
CJ
15
pF
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uAmps
MaximumInstantaneous Forward Voltage at 0.5A DC
Volts
5.0
1.0
@TA =25
oC
@TA =150
oC
1.8
mAmps
UNITS
NOTES : 1. Measured at 1 MHz and applied reverse voltage of 4 Volts.
2. “ROHS compliant”.
3. Thermal Resistance: Mounted on PCB.
Typical Current Square Time
I2T
A2S
2.6
* P/N suffix V means AEC-Q101 qualified, e.g:F16FV
* Halogen-free
-55 to + 150
Maximum Reverse Recovery Time (Note 4)
Trr
300
nS
4. Reverse Recovery Test Conditions: IF = 0.5A, IR = -1.0A, IRR =- 0.25A
F16F
SOD-123F
Dimensions in inches and (millimeters)
.035 (0.90)
.028 (0.70)
.077 (1.95)
.069 (1.75)
.114 (2.9)
.106 (2.7)
.150 (3.8)
.142 (3.6)
.053 (1.35)
.033(0.85)
.013 (0.35)
.008 (0.20)
F16F
2020-04
REV:A
.039 (1.00)


Similar Part No. - F16F

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
F16F60CPM SHINDENGEN-F16F60CPM Datasheet
173Kb / 4P
Power MOSFET
logo
Rectron Semiconductor
F16FL RECTRON-F16FL Datasheet
95Kb / 6P
FAST RECOVERY RECTIFIER
More results

Similar Description - F16F

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com