Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6981 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6981
Description  38 V, 1.5 A synchronous step-down converter with low quiescent current
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6981 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6981 Datasheet HTML 4Page - STMicroelectronics L6981 Datasheet HTML 5Page - STMicroelectronics L6981 Datasheet HTML 6Page - STMicroelectronics L6981 Datasheet HTML 7Page - STMicroelectronics L6981 Datasheet HTML 8Page - STMicroelectronics L6981 Datasheet HTML 9Page - STMicroelectronics L6981 Datasheet HTML 10Page - STMicroelectronics L6981 Datasheet HTML 11Page - STMicroelectronics L6981 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
6
Functional description
The L6981 device is based on a “peak current mode”, constant frequency control. Therefore, the intersection
between the error amplifier output and the sensed inductor current generates the PWM control signal to drive the
power switch.
The device features LNM (low noise mode) that implements a forced PWM control, or LCM (low consumption
mode) to increase the efficiency at light-load.
The main internal blocks shown in the block diagram in Figure 1 are:
•
Embedded power elements
•
The ramp for the slope compensation to avoid subharmonic instability
•
A transconductance error amplifier with integrated compensation network
•
The high-side current sense amplifier to sense the inductor current
•
A “Pulse Width Modulator” (PWM) comparator and the driving circuitry of the embedded power elements
•
The soft-start block ramps up the reference voltage on error amplifier, thus decreasing the inrush current at
power-up. The EN pin inhibits the device when driven low
•
The EN/CLK pin section, which for LNM versions, allows synchronizing the device to an external clock
generator
•
The pulse-by-pulse high-side / low-side switch current sensing to implement the constant current protection
•
A circuit to implement the thermal protection function
•
The OVP circuitry to discharge the output capacitor in case of overvoltage event.
6.1
Enable
The EN pin is a digital input that turns the device on or off.
In order to maximize both the EN threshold accuracy and the current consumption, the device implements two
different thresholds:
1.
The Wake-Up threshold, VWAKE_UP = 0.5 V (see Table 6)
2.
The Start-Up threshold, VEN = 1.2 V (see Table 6)
The following image shows the device behavior.
Figure 4. Power up/down behavior
L6981
Functional description
DS13554 - Rev 1
page 8/49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com