Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6982 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L6982
Description  38 V, 2 A synchronous step-down converter with low quiescent current
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6982 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L6982 Datasheet HTML 27Page - STMicroelectronics L6982 Datasheet HTML 28Page - STMicroelectronics L6982 Datasheet HTML 29Page - STMicroelectronics L6982 Datasheet HTML 30Page - STMicroelectronics L6982 Datasheet HTML 31Page - STMicroelectronics L6982 Datasheet HTML 32Page - STMicroelectronics L6982 Datasheet HTML 33Page - STMicroelectronics L6982 Datasheet HTML 34Page - STMicroelectronics L6982 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
10
Efficiency curves
The following three figures the efficiency and power losses acquired on the standard evaluation board of the
device, selecting the following output filter:
COUT:
1 x GRJ32EC71E226KE11 22 µF 25 V (Murata)
2 x C3216X7R1H106K160AC 10 µF 50 V (TDK)
Inductor:
MSS1038T-223ML (Coilcraft)
C8:
10 pF
Figure 33. Efficiency VIN = 24 V; VOUT = 5 V; FSW = 0.4 MHZ
IOUT [A]
VIN = 24 [V]; VOUT = 5 [V]; F SW = 400 [KHz]
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
LNM
LCM
Figure 34. Efficiency VIN = 24 V; VOUT = 5 V; FSW = 0.4 MHZ (log scale)
IOUT [A]
VIN = 24 [V]; VOUT = 5 [V]; F SW = 400 [KHz]
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
LNM
LCM
L6982
Efficiency curves
DS13683 - Rev 1
page 31/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com