Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6982CDR Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6982CDR
Description  38 V, 2 A synchronous step-down converter with low quiescent current
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6982CDR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6982CDR Datasheet HTML 5Page - STMicroelectronics L6982CDR Datasheet HTML 6Page - STMicroelectronics L6982CDR Datasheet HTML 7Page - STMicroelectronics L6982CDR Datasheet HTML 8Page - STMicroelectronics L6982CDR Datasheet HTML 9Page - STMicroelectronics L6982CDR Datasheet HTML 10Page - STMicroelectronics L6982CDR Datasheet HTML 11Page - STMicroelectronics L6982CDR Datasheet HTML 12Page - STMicroelectronics L6982CDR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
When the voltage applied on the EN pin rises over VWAKEUP, RISING, the device power up the internal circuit
increasing the current consumption.
As soon as the voltage rises over the VEN, RISING, the device starts the switching activities as described on
Section 6.2 Soft-start.
Once the voltage becomes lower than VEN, FALLING, the device interrupts the switching activities.
As soon as the voltage becomes lower than VWAKEUP,FALLING, the device power down the internal circuit reducing
the current consumption.
The pin is VIN compatible.
Please refer to the Table 6 for the reported thresholds.
6.2
Soft-start
The soft-start (SS) limits the inrush current surge and makes the output voltage increase monotonically.
The device implements the soft-start phase ramping the internal reference with very small steps. Once the SS
ends, the Error Amplifier reference is switched to the internal value of 0.85 V coming directly from the band gap
cell.
Figure 5. Soft-start procedure
During normal operation, a new soft-start cycle takes place in case of:
1.
Thermal shutdown event
2.
UVLO event
3.
EN pin rising over VEN threshold. Please refer to the Table 6.
L6982
Soft-start
DS13683 - Rev 1
page 9/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com