Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9963E Datasheet(PDF) 94 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 94 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 90Page - STMicroelectronics L9963E Datasheet HTML 91Page - STMicroelectronics L9963E Datasheet HTML 92Page - STMicroelectronics L9963E Datasheet HTML 93Page - STMicroelectronics L9963E Datasheet HTML 94Page - STMicroelectronics L9963E Datasheet HTML 95Page - STMicroelectronics L9963E Datasheet HTML 96Page - STMicroelectronics L9963E Datasheet HTML 97Page - STMicroelectronics L9963E Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 184 page
background image
Operation
Skip condition
C10-C9
VCELL10_EN = 0
C11-C10
VCELL11_EN = 0
C12-C11
VCELL12_EN = 0
C13-C12
VCELL13_EN = 0
C14-C13
VCELL14_EN = 0
The step duration is not fixed, since it lasts TCYCLEADC, thus depending on the value programmed in the
ADC_FILTER_SOC or ADC_FILTER_CYCLE fields (refer to Table 38).
The following failures can be flagged during cell conversion step execution, thus causing Configuration
Override:
VCELLX_UV: if the voltage of the x-th cell is lower than the programmed UV threshold (VCELL_UV)
VCELLX_OV: if the voltage of the x-th cell is higher than the programmed OV threshold (VCELL_OV)
VSUM_OV: if summing all cells voltage the outcome is higher than the programmed OV threshold (VBAT_OV
(SUM))
VSUM_UV: if summing all cells voltage the outcome is lower than the programmed UV threshold (VBAT_UV
(SUM))
VCELLX_BAL_UV (maskable): if the voltage of the x-th cell is lower than the programmed balance UV
threshold (VCELL_UV + VCELL_BAL_UV_ Δ)
4.12.3.2
VBAT conversion
VBAT pin conversion is the second step of the voltage conversion routine. It is mandatory, meaning that it cannot
be excluded from routine execution, neither in On-Demand Conversions nor in Cyclic Conversions.
During this step, the voltage on VBAT pin will be converted.
The step duration is not fixed, since it lasts TCYCLEADC, thus depending on the value programmed in the
ADC_FILTER_SOC or ADC_FILTER_CYCLE fields (refer to Table 38).
The following failures can be flagged during VBAT conversion step execution, thus causing Configuration
Override:
VBATTCRIT_OV: if the voltage converted is higher than the VBAT_CRITICAL_OV_TH.
VBATTCRIT_UV: if the voltage converted is lower than the VBAT_CRITICAL_UV_TH.
4.12.3.3
GPIO conversion
GPIO conversion is the third step of the voltage conversion routine.
L9963E allows possible to provide either the absolute conversion or the ratiometric conversion in respect to
VTREF_MEAS, based on GPIOx dedicated R/W SPI register bits ratio_abs_x_sel.
This step is optional:
To include it in On-Demand Conversions, the GPIO_CONV bit must be set along with the SOC in the same
SPI frame.
To specify its periodicity in Cyclic Conversions, the NCYCLE_GPIO field must be programmed (refer to
Operations Periodicity).
During this step, all the GPIO configured as analog inputs will be converted.
Table 62. Operations performed during GPIO conversion step
Operation
Skip condition
GPIO1
Always
GPIO2
Always
GPIO3
GPIO3_CONFIG != 00
GPIO4
GPIO4_CONFIG != 00
L9963E
Voltage conversion routine
DS13636 - Rev 4
page 94/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com