Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC8201DL Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC8201DL
Description  Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8201DL Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC8201DL Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8201DL Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
VSC8201DL
Rev. 1.6.3 - 9/29/04
VITESSE - CONFIDENTIAL & PROPRIETARY - DO NOT COPY WITHOUT PERMISSION
- Page 7 of 21 -
Design for Signal Integrity
Many high speed signal pins on the VSC8201 have rise/fall times of the order of 0.7 to 2.4 ns. Because of these fast rise/fall times, inter-
connects should be treated as transmission lines rather than simple lumped element connections. Use of transmission lines with a basic
understanding of line matching will reduce signal reflections which degrades overall performance of the part.
Theory
In order to apply correct impedance matching/termination techniques it is important to know about the types of interconnects used on the
PC board. There are 2 kinds of traces on a PC Board.
•
In case the signal transmission line is sandwiched between the dielectric material of the board and 2 conducting planes it is called a
stripline.
Figure 6: Transmission Lines
•
A signal transmission line that has one side open to air and dielectric material and a conducting plane beneath it, is called a micros-
trip.
Impedance of a transmission line is determined by the relative dielectric constant
of the PC board material, thickness of the dielectric
,the width
and the thickness of the transmission line .
Characteristic impedance of the microstrip is calculated using the approximation:
The propagation delay for the microstrip is:
ε
r
hw
t
Zo
87
ε
r
1.41
+
-------------------------
5.98 h
⋅
0.8wt
+
-------------------
Ω
ln
⋅
=
tpd
85
()
0.475
ε
r
0.67
+
ps/ft
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com