Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9963E-TR Datasheet(PDF) 53 Page - STMicroelectronics

Part # L9963E-TR
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E-TR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L9963E-TR Datasheet HTML 49Page - STMicroelectronics L9963E-TR Datasheet HTML 50Page - STMicroelectronics L9963E-TR Datasheet HTML 51Page - STMicroelectronics L9963E-TR Datasheet HTML 52Page - STMicroelectronics L9963E-TR Datasheet HTML 53Page - STMicroelectronics L9963E-TR Datasheet HTML 54Page - STMicroelectronics L9963E-TR Datasheet HTML 55Page - STMicroelectronics L9963E-TR Datasheet HTML 56Page - STMicroelectronics L9963E-TR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 184 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
Balance Power OFF Open Load Detect
Enabled
IOUT(LKG)
Output Leakage Current
VDS = 5 V
Balance Driver disabled (current on Sn Bn,n-1)
Open Load Detect Disabled
1
µA
IOUT(BAL_OFF)
Output Driver Current
VDS = 5 V
Balance Driver enabled but Power OFF
(current on Sn, Bn,n-1) Open Load Detect
Disabled
-35
5
µA
RDS_ON
Drain-to-Source On
Resistance
IOUT = 200 mA
-40 °C < TJ < 125 °C
1.8 V < Vcell(1..12) < 5 V
0.8
Ω
IOUT = 200 mA
-40 °C < TJ < 125 °C
3.2 V < Vcell(13..14) < 5 V
0.8
Ω
IOUT = 200 mA
40 °C < TJ < 80 °C (production test at room)
1.8 V < Vcell(13..14) < 3.2 V
1.3
Ω
IOUT = 200 mA
80 °C < TJ < 125 °C (production test at 125 °C)
1.8 V < Vcell(13..14) < 3.2 V
1.5
Ω
IBAL_OC
Over Current Short detection
Current flowing through
the PowerMOS when
BALx_SHORT = 1
Vcell(1..14) = 5 V, Power MOS ON, current
ramp on Power Drain
250
mA
VBAL_CLAMP
Static clamp
Iforced = 300 mA
10
13
V
VCELL14_BAL_MIN
Minimum voltage on cell
14 that guarantees correct
operation of the balance
driver
Application info
1.7
V
TON_BAL
Cell Balance Driver Turn On
Time
RL = 40 Ω (that gives a 130 mA balancing
current when Vcell = 5 V) from internal
command to 10% of VDS
0.5
1.8
5
µs
TOFF_BAL
Cell Balance Driver Turn Off
Time
RL = 40 Ω (that gives a 130 mA balancing
current when Vcell = 5 V) from internal
command to 90% of VDS
0.5
4.7
15
µs
TBAL_OL
Open load digital filter time
Tested by SCAN
11
ms
TBAL_OL_HWSC
Digital Filter time for HWSC
Tested by SCAN
4
µs
TBAL_OVC_DEGLITCH Short Detect Glitch Filter
Tested by SCAN
61
µs
TBAL_TIMEOUT
Secondary Balancing Timer
Timeout in Manual Mode
Tested by SCAN
600
min
4.8
Device regulators
All the internal block of the device are supplied by VBAT or VREG pin.
In order to optimize the power dissipation, to provide a suitable voltage for different functions or to decouple
sensible from noisy blocks, different regulators are available.
L9963E
Device regulators
DS13636 - Rev 4
page 53/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com