Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPS27HHTWTR Datasheet(PDF) 50 Page - STMicroelectronics

Part # LPS27HHTWTR
Description  MEMS pressure sensor: 260-1260 hPa absolute digital output barometer with embedded temperature sensor in water-resistant package
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS27HHTWTR Datasheet(HTML) 50 Page - STMicroelectronics

Back Button LPS27HHTWTR Datasheet HTML 46Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 47Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 48Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 49Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 50Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 51Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 52Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 53Page - STMicroelectronics LPS27HHTWTR Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 55 page
background image
7.2.1
I²C operation .......................................................... 22
7.3
SPI bus interface (CS = low) .................................................... 23
7.3.1
SPI read .............................................................. 24
7.3.2
SPI write .............................................................. 25
7.3.3
SPI read in 3-wire mode .................................................. 26
7.4
MIPI I3CSM slave interface ..................................................... 27
7.4.1
MIPI I3CSM CCC supported commands ...................................... 27
7.5
I²C/MIPI I3CSM coexistence in LPS27HHTW ...................................... 29
8
Register mapping.................................................................31
9
Register description ..............................................................33
9.1
INTERRUPT_CFG (0Bh) ....................................................... 33
9.2
THS_P_L (0Ch)............................................................... 35
9.3
THS_P_H (0Dh) .............................................................. 35
9.4
IF_CTRL (0Eh) ............................................................... 35
9.5
WHO_AM_I (0Fh) ............................................................. 36
9.6
CTRL_REG1 (10h) ............................................................ 36
9.7
CTRL_REG2 (11h) ............................................................ 37
9.8
CTRL_REG3 (12h) ............................................................ 39
9.9
FIFO_CTRL (13h) ............................................................. 40
9.10
FIFO_WTM (14h) ............................................................. 40
9.11
REF_P_L (15h) ............................................................... 41
9.12
REF_P_H (16h)............................................................... 41
9.13
RPDS_L (18h) ................................................................ 41
9.14
RPDS_H (19h)................................................................ 41
9.15
INT_SOURCE (24h) ........................................................... 42
9.16
FIFO_STATUS1 (25h) ......................................................... 42
9.17
FIFO_STATUS2 (26h) ......................................................... 42
9.18
STATUS (27h) ................................................................ 43
9.19
PRESS_OUT_XL (28h) ........................................................ 43
9.20
PRESS_OUT_L (29h).......................................................... 43
9.21
PRESS_OUT_H (2Ah) ......................................................... 44
LPS27HHTW
Contents
DS13489 - Rev 1
page 50/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com