Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO32X Datasheet(PDF) 127 Page - STMicroelectronics

Part # LSM6DSO32X
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32X Datasheet(HTML) 127 Page - STMicroelectronics

Back Button LSM6DSO32X Datasheet HTML 123Page - STMicroelectronics LSM6DSO32X Datasheet HTML 124Page - STMicroelectronics LSM6DSO32X Datasheet HTML 125Page - STMicroelectronics LSM6DSO32X Datasheet HTML 126Page - STMicroelectronics LSM6DSO32X Datasheet HTML 127Page - STMicroelectronics LSM6DSO32X Datasheet HTML 128Page - STMicroelectronics LSM6DSO32X Datasheet HTML 129Page - STMicroelectronics LSM6DSO32X Datasheet HTML 130Page - STMicroelectronics LSM6DSO32X Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 162 page
background image
14
Sensor hub register mapping
The table given below provides a list of the registers for the sensor hub functions available in the device and the
corresponding addresses. The sensor hub registers are accessible when bit SHUB_REG_ACCESS is set to '1' in
FUNC_CFG_ACCESS (01h).
Table 336. Register address map - sensor hub registers
Name
Type
Register address
Default
Comment
Hex
Binary
SENSOR_HUB_1
r
02
00000010
output
SENSOR_HUB_2
r
03
00000011
output
SENSOR_HUB_3
r
04
00000100
output
SENSOR_HUB_4
r
05
00000101
output
SENSOR_HUB_5
r
06
00000110
output
SENSOR_HUB_6
r
07
00000111
output
SENSOR_HUB_7
r
08
00001000
output
SENSOR_HUB_8
r
09
00001001
output
SENSOR_HUB_9
r
0A
00001010
output
SENSOR_HUB_10
r
0B
00001011
output
SENSOR_HUB_11
r
0C
00001100
output
SENSOR_HUB_12
r
0D
00001101
output
SENSOR_HUB_13
r
0E
00001110
output
SENSOR_HUB_14
r
0F
00001111
output
SENSOR_HUB_15
r
10
00010000
output
SENSOR_HUB_16
r
11
00010001
output
SENSOR_HUB_17
r
12
00010010
output
SENSOR_HUB_18
r
13
00010011
output
MASTER_CONFIG
rw
14
00010100
00000000
SLV0_ADD
rw
15
00010101
00000000
SLV0_SUBADD
rw
16
00010110
00000000
SLV0_CONFIG
rw
17
0001 0111
00000000
SLV1_ADD
rw
18
00011000
00000000
SLV1_SUBADD
rw
19
00011001
00000000
SLV1_CONFIG
rw
1A
00011010
00000000
SLV2_ADD
rw
1B
00011011
00000000
SLV2_SUBADD
rw
1C
00011100
00000000
SLV2_CONFIG
rw
1D
00011101
00000000
SLV3_ADD
rw
1E
00011110
00000000
SLV3_SUBADD
rw
1F
00011111
00000000
SLV3_CONFIG
rw
20
00100000
00000000
DATAWRITE_SLV0
rw
21
00100001
00000000
STATUS_MASTER
r
22
00100010
output
Registers marked as Reserved must not be changed. Writing to those registers may cause permanent damage to
the device.
The content of the registers that are loaded at boot should not be changed. They contain the factory calibration
values. Their content is automatically restored when the device is powered up.
LSM6DSO32X
Sensor hub register mapping
DS13607 - Rev 1
page 127/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com