Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO32X Datasheet(PDF) 123 Page - STMicroelectronics

Part # LSM6DSO32X
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32X Datasheet(HTML) 123 Page - STMicroelectronics

Back Button LSM6DSO32X Datasheet HTML 119Page - STMicroelectronics LSM6DSO32X Datasheet HTML 120Page - STMicroelectronics LSM6DSO32X Datasheet HTML 121Page - STMicroelectronics LSM6DSO32X Datasheet HTML 122Page - STMicroelectronics LSM6DSO32X Datasheet HTML 123Page - STMicroelectronics LSM6DSO32X Datasheet HTML 124Page - STMicroelectronics LSM6DSO32X Datasheet HTML 125Page - STMicroelectronics LSM6DSO32X Datasheet HTML 126Page - STMicroelectronics LSM6DSO32X Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 162 page
background image
13.1.11
MAG_CFG_A (D4h)
External magnetometer coordinates (Y and Z axes) rotation register (r/w)
Table 311. MAG_CFG_A register
0(1)
MAG_Y_
AXIS2
MAG_Y_
AXIS1
MAG_Y_
AXIS0
0(1)
MAG_Z_
AXIS2
MAG_Z_
AXIS1
MAG_Z_
AXIS0
1. This bit must be set to ‘0’ for the correct operation of the device.
Table 312. MAG_CFG_A description
MAG_Y_AXIS[2:0]
Magnetometer Y-axis coordinates rotation (to be aligned to accelerometer/gyroscope axes orientation)
(000: Y = Y; (default)
001: Y = -Y;
010: Y = X;
011: Y = -X;
100: Y = -Z;
101: Y = Z;
Others: Y = Y)
MAG_Z_AXIS[2:0]
Magnetometer Z-axis coordinates rotation (to be aligned to accelerometer/gyroscope axes orientation)
(000: Z = Y;
001: Z = -Y;
010: Z = X;
011: Z = -X;
100: Z = -Z;
101: Z = Z; (default)
Others: Z = Y)
13.1.12
MAG_CFG_B (D5h)
External magnetometer coordinates (X-axis) rotation register (r/w).
Table 313. MAG_CFG_B register
0(1)
0(1)
0(1)
0(1)
0(1)
MAG_X_
AXIS2
MAG_X_
AXIS1
MAG_X_
AXIS0
1. This bit must be set to ‘0’ for the correct operation of the device.
Table 314. MAG_CFG_B description
MAG_X_AXIS[2:0]
Magnetometer X-axis coordinates rotation (to be aligned to accelerometer/gyroscope axes orientation)
(000: X = Y;
001: X = -Y;
010: X = X; (default)
011: X = -X;
100: X = -Z;
101: X = Z;
Others: X = Y)
LSM6DSO32X
Page 0 - Embedded advanced features registers
DS13607 - Rev 1
page 123/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com