Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO32X Datasheet(PDF) 121 Page - STMicroelectronics

Part # LSM6DSO32X
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32X Datasheet(HTML) 121 Page - STMicroelectronics

Back Button LSM6DSO32X Datasheet HTML 117Page - STMicroelectronics LSM6DSO32X Datasheet HTML 118Page - STMicroelectronics LSM6DSO32X Datasheet HTML 119Page - STMicroelectronics LSM6DSO32X Datasheet HTML 120Page - STMicroelectronics LSM6DSO32X Datasheet HTML 121Page - STMicroelectronics LSM6DSO32X Datasheet HTML 122Page - STMicroelectronics LSM6DSO32X Datasheet HTML 123Page - STMicroelectronics LSM6DSO32X Datasheet HTML 124Page - STMicroelectronics LSM6DSO32X Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 162 page
background image
13.1.8
MAG_SI_YY_L (CCh) and MAG_SI_YY_H (CDh)
Soft-iron (3x3 symmetric) matrix correction register (r/w)
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent
bits; F: 10 fraction bits).
Table 299. MAG_SI_YY_L register
MAG_SI_YY_7 MAG_SI_YY_6 MAG_SI_YY_5 MAG_SI_YY_4 MAG_SI_YY_3 MAG_SI_YY_2 MAG_SI_YY_1 MAG_SI_YY_0
Table 300. MAG_SI_YY_L register description
MAG_SI_YY_[7:0]
Soft-iron correction row2 col2 coefficient (LSbyte). Default value: 00000000
Table 301. MAG_SI_YY_H register
MAG_SI_YY_15
MAG_SI_YY_14
MAG_SI_YY_13
MAG_SI_YY_12
MAG_SI_YY_11
MAG_SI_YY_10
MAG_SI_YY_9
MAG_SI_YY_8
Table 302. MAG_SI_YY_H register description
MAG_SI_YY_[15:8]
Soft-iron correction row2 col2 coefficient (MSbyte). Default value: 00111100
13.1.9
MAG_SI_YZ_L (CEh) and MAG_SI_YZ_H (CFh)
Soft-iron (3x3 symmetric) matrix correction register (r/w)
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent
bits; F: 10 fraction bits).
Table 303. MAG_SI_YZ_L register
MAG_SI_YZ_7
MAG_SI_YZ_6
MAG_SI_YZ_5
MAG_SI_YZ_4
MAG_SI_YZ_3
MAG_SI_YZ_2
MAG_SI_YZ_1
MAG_SI_YZ_0
Table 304. MAG_SI_YZ_L register description
MAG_SI_YZ_[7:0]
Soft-iron correction row2 col3 (and row3 col2) coefficient (LSbyte). Default value: 00000000
Table 305. MAG_SI_YZ_H register
MAG_SI_YZ_15
MAG_SI_YZ_14
MAG_SI_YZ_13
MAG_SI_YZ_12
MAG_SI_YZ_11
MAG_SI_YZ_10
MAG_SI_YZ_9
MAG_SI_YZ_8
Table 306. MAG_SI_YZ_H register description
MAG_SI_YZ_[15:8]
Soft-iron correction row2 col3 (and row3 col2) coefficient (MSbyte). Default value: 00000000
LSM6DSO32X
Page 0 - Embedded advanced features registers
DS13607 - Rev 1
page 121/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com