Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO32X Datasheet(PDF) 118 Page - STMicroelectronics

Part # LSM6DSO32X
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32X Datasheet(HTML) 118 Page - STMicroelectronics

Back Button LSM6DSO32X Datasheet HTML 114Page - STMicroelectronics LSM6DSO32X Datasheet HTML 115Page - STMicroelectronics LSM6DSO32X Datasheet HTML 116Page - STMicroelectronics LSM6DSO32X Datasheet HTML 117Page - STMicroelectronics LSM6DSO32X Datasheet HTML 118Page - STMicroelectronics LSM6DSO32X Datasheet HTML 119Page - STMicroelectronics LSM6DSO32X Datasheet HTML 120Page - STMicroelectronics LSM6DSO32X Datasheet HTML 121Page - STMicroelectronics LSM6DSO32X Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 162 page
background image
13.1.2
MAG_OFFX_L (C0h) and MAG_OFFX_H (C1h)
Offset for X-axis hard-iron compensation register (r/w)
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent
bits; F: 10 fraction bits).
Table 275. MAG_OFFX_L register
MAG_OFFX_7
MAG_OFFX_6
MAG_OFFX_5
MAG_OFFX_4
MAG_OFFX_3
MAG_OFFX_2
MAG_OFFX_1
MAG_OFFX_0
Table 276. MAG_OFFX_L register description
MAG_OFFX_[7:0]
Offset for X-axis hard-iron compensation (LSbyte). Default value: 00000000
Table 277. MAG_OFFX_H register
MAG_OFFX_15
MAG_OFFX_14
MAG_OFFX_13
MAG_OFFX_12
MAG_OFFX_11
MAG_OFFX_10
MAG_OFFX_9
MAG_OFFX_8
Table 278. MAG_OFFX_H register description
MAG_OFFX_[15:8]
Offset for X-axis hard-iron compensation (MSbyte). Default value: 00000000
13.1.3
MAG_OFFY_L (C2h) and MAG_OFFY_H (C3h)
Offset for Y-axis hard-iron compensation register (r/w)
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF (S: 1 sign bit; E: 5 exponent
bits; F: 10 fraction bits).
Table 279. MAG_OFFY_L register
MAG_OFFY_7
MAG_OFFY_6
MAG_OFFY_5
MAG_OFFY_4
MAG_OFFY_3
MAG_OFFY_2
MAG_OFFY_1
MAG_OFFY_0
Table 280. MAG_OFFY_L register description
MAG_OFFY_[7:0]
Offset for Y-axis hard-iron compensation (LSbyte). Default value: 00000000
Table 281. MAG_OFFY_H register
MAG_OFFY_15
MAG_OFFY_14
MAG_OFFY_13
MAG_OFFY_12
MAG_OFFY_11
MAG_OFFY_10
MAG_OFFY_9
MAG_OFFY_8
Table 282. MAG_OFFY_H register description
MAG_OFFY_[15:8]
Offset for Y-axis hard-iron compensation (MSbyte). Default value: 00000000
LSM6DSO32X
Page 0 - Embedded advanced features registers
DS13607 - Rev 1
page 118/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com