Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSO32X Datasheet(PDF) 161 Page - STMicroelectronics

Part # LSM6DSO32X
Description  iNEMO 6 DoF inertial module with 32 g accelerometer and embedded Machine Learning Core
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSO32X Datasheet(HTML) 161 Page - STMicroelectronics

Back Button LSM6DSO32X Datasheet HTML 154Page - STMicroelectronics LSM6DSO32X Datasheet HTML 155Page - STMicroelectronics LSM6DSO32X Datasheet HTML 156Page - STMicroelectronics LSM6DSO32X Datasheet HTML 157Page - STMicroelectronics LSM6DSO32X Datasheet HTML 158Page - STMicroelectronics LSM6DSO32X Datasheet HTML 159Page - STMicroelectronics LSM6DSO32X Datasheet HTML 160Page - STMicroelectronics LSM6DSO32X Datasheet HTML 161Page - STMicroelectronics LSM6DSO32X Datasheet HTML 162Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 161 / 162 page
background image
List of figures
Figure 1.
Generic state machine............................................................... 5
Figure 2.
State machine in the LSM6DSO32X ..................................................... 5
Figure 3.
Machine Learning Core in the LSM6DSO32X ............................................... 6
Figure 4.
Pin connections ................................................................... 7
Figure 5.
LSM6DSO32X connection modes ....................................................... 8
Figure 6.
SPI slave timing diagram (in mode 3) ................................................... 14
Figure 7.
I²C slave timing diagram ............................................................ 15
Figure 8.
Read and write protocol (in mode 3) .................................................... 21
Figure 9.
SPI read protocol (in mode 3) ......................................................... 22
Figure 10.
Multiple byte SPI read protocol (2-byte example) (in mode 3) ................................... 22
Figure 11.
SPI write protocol (in mode 3)......................................................... 23
Figure 12.
Multiple byte SPI write protocol (2-byte example) (in mode 3) ................................... 23
Figure 13.
SPI read protocol in 3-wire mode (in mode 3) .............................................. 24
Figure 14.
I²C and MIPI I3CSM both active (INT1 pin not connected) ...................................... 27
Figure 15.
Only MIPI I3CSM active (INT1 pin connected to Vdd_IO) ...................................... 27
Figure 16.
Block diagram of filters ............................................................. 30
Figure 17.
Accelerometer chain ............................................................... 30
Figure 18.
Accelerometer composite filter ........................................................ 31
Figure 19.
Gyroscope digital chain - Mode 1 and Mode 2 ............................................. 32
Figure 20.
LSM6DSO32X electrical connections in Mode 1 ............................................ 36
Figure 21.
LSM6DSO32X electrical connections in Mode 2 ............................................ 37
Figure 22.
Accelerometer block diagram ......................................................... 58
Figure 23.
LGA-14L 2.5 x 3.0 x 0.86 mm package outline and mechanical data ............................. 141
Figure 24.
Carrier tape information for LGA-14 package ............................................. 142
Figure 25.
LGA-14 package orientation in carrier tape............................................... 142
Figure 26.
Reel information for carrier tape of LGA-14 package ........................................ 143
LSM6DSO32X
List of figures
DS13607 - Rev 1
page 161/162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com