Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD57100J110R Datasheet(PDF) 12 Page - STMicroelectronics

Part # LD57100J110R
Description  1 A ultra low-dropout LDO with bias
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD57100J110R Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LD57100J110R Datasheet HTML 8Page - STMicroelectronics LD57100J110R Datasheet HTML 9Page - STMicroelectronics LD57100J110R Datasheet HTML 10Page - STMicroelectronics LD57100J110R Datasheet HTML 11Page - STMicroelectronics LD57100J110R Datasheet HTML 12Page - STMicroelectronics LD57100J110R Datasheet HTML 13Page - STMicroelectronics LD57100J110R Datasheet HTML 14Page - STMicroelectronics LD57100J110R Datasheet HTML 15Page - STMicroelectronics LD57100J110R Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Figure 24. Output voltage spectral noise density vs
frequency (VOUT= 1 V adj.)
0.000
0.001
0.010
0.100
1.000
0.01
0.1
1
10
100
1000
10000
Frequency: f [kHz]
Iout = 1mA
Iout = 10mA
Iout = 100mA
Iout = 500mA
Frequency Range: 10Hz -
100kHz
Output Noise:
1mA 41
μVRMS
10mA 52 μVRMS
100mA 70 μVRMS
500mA 51 μVRMS
Frequency Range: 10Hz -
1MHz
Output Noise:
1mA 41 μVRMS
10mA 53 μVRMS
100mA 99 μVRMS
500mA 29119 μVRMS
Figure 25. Output voltage spectral noise density vs
frequency
0.000
0.001
0.010
0.100
1.000
0.01
0.1
1
10
100
1000
10000
Frequency: f [kHz]
Iout = 1mA
Iout = 10mA
Iout = 100mA
Frequency Range: 10Hz-
100kHz
Output Noise:
1mA 20 μVRMS
10mA 34 μVRMS
100mA 44 μVRMS
500mA 42μVRMS
Frequency Range: 10Hz-
1MHz
Output Noise:
1mA 20 μVRMS
10mA36 μVRMS
100mA 81μVRMS
500mA 29112 μVRMS
Figure 26. Discharge_RMOS vs temperature
140
150
160
170
180
190
200
210
-50
-25
0
25
50
75
100
125
150
T [°C]
LD57100
Typical characteristics
DS13123 - Rev 5
page 12/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com