Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSL-C2-G Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # KSL-C2-G
Description  Plug-in Signal Conditioners K-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KSL-C2-G Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  KSL-C2-G Datasheet HTML 1Page - M-System Co.,Ltd. KSL-C2-G Datasheet HTML 2Page - M-System Co.,Ltd. KSL-C2-G Datasheet HTML 3Page - M-System Co.,Ltd. KSL-C2-G Datasheet HTML 4Page - M-System Co.,Ltd. KSL-C2-G Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: KSL
KSL SPECIFICATIONS
ES-3613 Rev.10 Page 2/5
http://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to power
Setpoint adjustments: 10-position rotary switches (front); 0
– 99 % independently; 1 % increments
Hysteresis (deadband): 1 – 2.5 %
Front LEDs: Red LEDs turn on when the coils are energized.
Power ON timer: Relays de-energized for approx. 2 seconds
after power is turned on.
INPUT SPECIFICATIONS
■ DC Current:
Shunt resistor attached to the input terminals (0.5 W)
Specify input resistance value for code Z.
■ DC Voltage: -300 – +300 V DC
Minimum span: 10 mV
Offset: Max. 1.5 times span
Input resistance
Span 10 – 100 mV : ≥ 10 kΩ
Span 0.1 – 1 V : ≥ 100 kΩ
Span ≥ 1 V : ≥ 1 MΩ
OUTPUT SPECIFICATIONS
■ Relay Contact: 100 V AC @1 A (cos ø = 1)
120 V AC @1 A (cos ø = 1)
240 V AC @0.5 A (cos ø = 1)
30 V DC @1 A (resistive load)
Maximum switching voltage: 380 V AC or 125 V DC
Maximum switching power: 120 VA or 30 W
Minimum load: 5 V DC @10 mA
Mechanical life: 5 × 107 cycles
For maximum relay life with inductive loads, external
protection is recommended.
0
50
100
s
Input
(%)
Lo Setpoint
s
Hi Setpoint
Hi Output
(1–2)ON
Lo Output
(5–6)ON
0
50
100
s
Input
(%)
Lo Setpoint
s
Hi Setpoint
Hi Output
(1–2)ON
Lo Output
(5–6)ON
• Output Code 2
• Output Code 3
• Output Code 5
0
50
100
s
Input
(%)
Lo Setpoint
s
Hi Setpoint
Hi Output
(9–10)ON
Lo Output
(1–3)ON
(1–2)ON
(9–11)ON
Alarm Trip Operation Terminal No. in parentheses
Trip Operation in Power Failure
• Output Code 2: both relays turn OFF
• Output Code 3: both relays turn ON
• Output Code 5: Terminals 1 – 3, 9 – 11 turn ON
INSTALLATION
Power input
• AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 2 VA
•DC: Operational voltage range: rating ±10 %,
ripple 10 %p-p max., approx. 2 W (80 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE in percentage of span
Setpoint accuracy: ±0.5 %
Trip point repeatability: ±0.05 %
Temp. coefficient: ±0.02 %/°C (±0.01 %/°F)
Response time: 0.5±0.2 sec. (0 – 100 % at 90 % setpoint)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com