Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCE-1J-F/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LCE-1J-F/Q
Description  Power Transducer Series L-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LCE-1J-F/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LCE-1J-F/Q Datasheet HTML 1Page - M-System Co.,Ltd. LCE-1J-F/Q Datasheet HTML 2Page - M-System Co.,Ltd. LCE-1J-F/Q Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: LCE
http://www.m-system.co.jp/
LCE SPECIFICATIONS
ES-1971 Rev.10 Page 1/3
Power Transducer Series L-UNIT
CT TRANSDUCER
Functions & Features
• Converting an alternating current from a current
transformer into a standard process signal
• Minimum ripple
• True RMS sensing
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Centralized monitoring and control of motors, pumps or
heaters by DCS
• Monitoring power line and power supply current
75
(2.95)
112
(4.41)
75
(2.95)
mm (inch)
MODEL: LCE–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: LCE–[1][2]-[3][4]
Specify a code from below for each [1] through [4].
(e.g. LCE-5A-C/Q)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
1: 0 – 1 A AC
5: 0 – 5 A AC
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
D: 0 – 20 mA DC (Load resistance 600 Ω max.)
E: 0 – 16 mA DC (Load resistance 750 Ω max.)
F: 0 – 10 mA DC (Load resistance 1200 Ω max.)
G: 0 – 1 mA DC (Load resistance 12 kΩ max.)
J: 0 – 5 mA DC (Load resistance 2400 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] AUXILIARY POWER SUPPLY
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
R: 24 V DC
V: 48 V DC
P: 110 V DC
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output to auxiliary power
Input waveform: Up to 15 % of 3rd harmonic content
Overrange output: 0 to 120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)


Similar Part No. - LCE-1J-F/Q

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
LCE LITTELFUSE-LCE Datasheet
141Kb / 5P
Transient Voltage Suppression Diodes
logo
MERITEK ELECTRONICS COR...
LCE MERITEK-LCE Datasheet
391Kb / 3P
Transient Voltage Suppressors
logo
Ruilongyuan Electronics...
LCE RUILON-LCE Datasheet
752Kb / 7P
Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
LCE NJSEMI-LCE Datasheet
279Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - LCE-1J-F/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
L2CE MSYSTEM-L2CE Datasheet
102Kb / 3P
Power Transducer Series L-UNIT
L2PA MSYSTEM-L2PA Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
L2PNA MSYSTEM-L2PNA Datasheet
107Kb / 3P
Power Transducer Series L-UNIT
LCNA MSYSTEM-LCNA Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LDPE MSYSTEM-LDPE Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LPNE MSYSTEM-LPNE Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LPE MSYSTEM-LPE Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
LPCE MSYSTEM-LPCE Datasheet
113Kb / 3P
Power Transducer Series L-UNIT
LPAUN MSYSTEM-LPAUN Datasheet
111Kb / 3P
Power Transducer Series L-UNIT
LWTN MSYSTEM-LWTN Datasheet
146Kb / 5P
Power Transducer Series L-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com