Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS4SD4M16DG-10/IT Datasheet(PDF) 32 Page - Austin Semiconductor

Part # AS4SD4M16DG-10/IT
Description  4 Meg x 16 SDRAM Synchronous DRAM Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS4SD4M16DG-10/IT Datasheet(HTML) 32 Page - Austin Semiconductor

Back Button AS4SD4M16DG-10/IT Datasheet HTML 28Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 29Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 30Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 31Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 32Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 33Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 34Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 35Page - Austin Semiconductor AS4SD4M16DG-10/IT Datasheet HTML 36Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
SDRAM
AS4SD4M16
Austin Semiconductor, Inc.
AS4SD4M16
Rev. 1.5 10/01
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
32
SYMBOL
-8
-10
UNITS NOTES
tCCD
11
tCK
17
tCKED
11
tCK
14
tPED
11
tCK
14
tDQD
00
tCK
17
tDQM
00
tCK
17
tDQZ
22
tCK
17
tDWD
00
tCK
17
Data-in to ACTIVE command
A2 version
tDAL
54
tCK
15, 21
Data-in to PRECHARGE command A1 version
A2 version
tDPL
22
tCK
16, 21
tBDL
11
tCK
17
tCDL
11
tCK
17
Last data-in to PRECHARGE command
A2 version
tRDL
22
tCK
16, 21
tMRD
22
tCK
27
CL = 3
tROH
33
tCK
17
CL = 2
tROH
22
tCK
17
Data-out to high-impedance from PRECHARGE command
Last data-in to burst STOP command
Last data-in to new READ/WRITE command
LOAD MODE REGISTER command to ACTIVE or REFRESH command
CKE to clock enable or power-down exit setup mode
CKE to clock disable or power-down entry mode
READ/WRITE command to READ/WRITE command
PARAMETER
WRITE command to input data delay
DQM to data high-impedance during READs
DQM to data mask during WRITEs
DQM to input data delay
MIN
MAX
CL = 3
tAC
---
6
ns
22
CL = 2
tAC
---
9
ns
22
CL = 3
tCK
8
---
ns
22
CL = 2
tCK
12
---
ns
22
tRCD
20
---
ns
22
tRP
24
---
ns
22
tRCD
80
---
tCK
21
WRITE recovery time
A2 Version
tWR
2
---
---
---
CLKs
---
PARAMETER
3-2-3
-8
SYM
UNITS
NOTES
PRECHARGE command period
AUTO REFRESH, ACTIVE command period
100 MHz Speed Reference (CL -tRCD-tRP)
Clock cycle time
Access times from CLK (pos. edge)
ACTIVE to READ or WRITE delay
AC FUNCTIONAL CHARACTERISTICS5, 6, 7, 8, 9, 11
(-55oC<T
A<+125
oC)
ELECTRICAL TIMING CHARACTERISTICS for -8 SPEED5, 6, 7, 8, 9, 11, 24
(-55oC<T
A<+125
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com