Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCTWA90N65G2V Datasheet(PDF) 4 Page - STMicroelectronics

Part # SCTWA90N65G2V
Description  Silicon carbide Power MOSFET 650 V, 119 A, 18 mΩ in an HiP247 long leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCTWA90N65G2V Datasheet(HTML) 4 Page - STMicroelectronics

  SCTWA90N65G2V Datasheet HTML 1Page - STMicroelectronics SCTWA90N65G2V Datasheet HTML 2Page - STMicroelectronics SCTWA90N65G2V Datasheet HTML 3Page - STMicroelectronics SCTWA90N65G2V Datasheet HTML 4Page - STMicroelectronics SCTWA90N65G2V Datasheet HTML 5Page - STMicroelectronics SCTWA90N65G2V Datasheet HTML 6Page - STMicroelectronics SCTWA90N65G2V Datasheet HTML 7Page - STMicroelectronics SCTWA90N65G2V Datasheet HTML 8Page - STMicroelectronics SCTWA90N65G2V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 400 V, ID = 50 A,
RG = 2.2 Ω, VGS = -5 V to 18 V, TJ=
25 °C
-
26
-
ns
tf
Fall time
-
16
-
ns
td(off)
Turn-off delay time
-
58
-
ns
tr
Rise time
-
38
-
ns
Table 7. Reverse SiC diode characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD
Forward on voltage
IF = 30 A, VGS = 0 V
-
2.5
-
V
trr
Reverse recovery time
IF = 50 A, di/dt = 4000 A/µs,
VDD = 400 V, TJ= 25 °C
-
17
-
ns
Qrr
Reverse recovery charge
-
308
-
nC
IRRM
Reverse recovery current
-
30
-
A
SCTWA90N65G2V
Electrical characteristics
DS12678 - Rev 2
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com