Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSB50825B Datasheet(PDF) 11 Page - ON Semiconductor

Part # FSB50825B
Description  Motion SPM 5 Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50825B Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FSB50825B Datasheet HTML 6Page - ON Semiconductor FSB50825B Datasheet HTML 7Page - ON Semiconductor FSB50825B Datasheet HTML 8Page - ON Semiconductor FSB50825B Datasheet HTML 9Page - ON Semiconductor FSB50825B Datasheet HTML 10Page - ON Semiconductor FSB50825B Datasheet HTML 11Page - ON Semiconductor FSB50825B Datasheet HTML 12Page - ON Semiconductor FSB50825B Datasheet HTML 13Page - ON Semiconductor FSB50825B Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FSB50825B/FSB50825BS
www.onsemi.com
11
COM
VDD
LIN
HIN
VB
HO
VS
LO
COM
VDD
LIN
HIN
VB
HO
VS
LO
COM
VDD
LIN
HIN
VB
HO
VS
LO
(1 ) COM
(2 )VB(U)
(3 )VDD(U)
(4 ) IN(UH)
(5 ) IN(UL)
(6 )N.C
(7 )VB(V)
(8 )VDD(V)
(9 ) IN(VH)
(10 ) IN(VL)
(11 ) VTS
(12 ) VB(W)
(13 ) VDD(W)
(14 ) IN(WH)
(15 ) IN(WL)
(16 ) N.C
( 17 )P
(18 )U ,VS(U)
(19 )NU
( 22 )NW
C1
15 V
Supply
C3
VDC
C2
R3
R4
C6
R5
C5
For current-sensing and protection
VTS
(21 )V ,VS(V)
(20 )NV
(23 ) W ,VS(W)
C
4
M
Figure 10. Example of Application Circuit
NOTE: 14. About pin position, refer to Figure 1.
15. RC−coupling (R5 and C5, R4 and C6) and C4 at each input of Motion SPM 5 product and MCU are useful to prevent
improper input signal caused by surge−noise.
16. The voltage−drop across R3 affects the low−side switching performance and the bootstrap characteristics since it is placed
between COM and the source terminal of the low−side MOSFET. For this reason, the voltage−drop across R3 should be less
than 1 V in the steady−state.
17. Ground−wires and output terminals, should be thick and short in order to avoid surge−voltage and malfunction of HVIC.
18. All the filter capacitors should be connected close to Motion SPM 5 product, and they should have good characteristics for
rejecting high−frequency ripple current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com