Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCS-51-C/E2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LCS-51-C/E2
Description  Plug-in Signal Conditioners M-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LCS-51-C/E2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LCS-51-C/E2 Datasheet HTML 1Page - M-System Co.,Ltd. LCS-51-C/E2 Datasheet HTML 2Page - M-System Co.,Ltd. LCS-51-C/E2 Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: LCS
LCS SPECIFICATIONS
ES-1360 Rev.3 Page 1/3
http://www.m-system.co.jp/
Plug-in Signal Conditioners M-UNIT
STRAIN GAUGE TRANSMITTER
(isolated)
Functions & Features
• Providing a DC output signal proportional to a bridge type
strain gauge utilized in load cells, pressure transducers
• Supplying required excitation voltage
• Drives bridges 80 Ω or above
• Excitation adjustable from 2 V to 10 V
• Wide-range adjustment: 0 – 80 % for zero, 20 – 100 % for
span
• Fast response type available
• LCD meter (engineering unit display selectable)
• Simple loop test output (0 % and 100 %)
• High-density mounting
Typical Applications
• Weighing system for tanks, hoppers, silos
• Weighing system using cranes
• Float level meter utilizing strain gauges
50
(1.97)
136
(5.35)
80
(3.15)
mm (inch)
MODEL: LCS–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: LCS-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. LCS-2A-B/E2/Q)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT STRAIN GAUGE
1: 1 mV/V
12: 1.25 mV/V
15: 1.5 mV/V
2: 2 mV/V
3: 3 mV/V
4: 4 mV/V
5: 5 mV/V
6: 10 mV/V
7: 20 mV/V
0: Specify (strain gauge and excitation)
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 750 Ω max.)
B: 2 – 10 mA DC (Load resistance 1500 Ω max.)
C: 1 – 5 mA DC (Load resistance 3000 Ω max.)
D: 0 – 20 mA DC (Load resistance 750 Ω max.)
E: 0 – 16 mA DC (Load resistance 900 Ω max.)
F: 0 – 10 mA DC (Load resistance 1500 Ω max.)
G: 0 – 1 mA DC (Load resistance 15 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 100 Ω min.)
4: 0 – 10 V DC (Load resistance 1000 Ω min.)
5: 0 – 5 V DC (Load resistance 500 Ω min.)
6: 1 – 5 V DC (Load resistance 500 Ω min.)
4W: -10 – +10 V DC (Load resistance 2000 Ω min.)
5W: -5 – +5 V DC (Load resistance 1000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
R: 24V DC (Not selectable with option /E or /E2)
[4] OPTIONS (multiple selections)
Input Signal Indicator
blank: Without
/E: With (0.0 - 100.0 % display)
/E2: With (in engineering unit with backlight and the
simple loop test output)
Response Time (0 – 90 %)
blank: Standard (≤ 0.5 sec.)
/K: Fast response (Approx. 25 msec.)
(Not selectable with Option /E2)
Other Options
blank: none
/Q: Option other than the above (specify the specification)


Similar Part No. - LCS-51-C/E2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
LCS-01 TEC-LCS-01 Datasheet
253Kb / 4P
HORIZONTAL COMPACT SHORT-SWING LIQUID LEVEL SENSORS
LCS-02 TEC-LCS-02 Datasheet
253Kb / 4P
HORIZONTAL COMPACT SHORT-SWING LIQUID LEVEL SENSORS
LCS-03 TEC-LCS-03 Datasheet
253Kb / 4P
HORIZONTAL COMPACT SHORT-SWING LIQUID LEVEL SENSORS
LCS-04 TEC-LCS-04 Datasheet
253Kb / 4P
HORIZONTAL COMPACT SHORT-SWING LIQUID LEVEL SENSORS
logo
Omega Engineering, Inc.
LCS-104 OMEGA-LCS-104 Datasheet
135Kb / 1P
Reversible Liquid Crystal Polyester Film/Plastic Sheet With Adhesive Back
More results

Similar Description - LCS-51-C/E2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
AS4V MSYSTEM-AS4V Datasheet
159Kb / 3P
Plug-in Signal Conditioners M-UNIT
AS4LC MSYSTEM-AS4LC Datasheet
150Kb / 4P
Plug-in Signal Conditioners M-UNIT
DS48 MSYSTEM-DS48 Datasheet
103Kb / 3P
Plug-in Signal Conditioners M-UNIT
DA3 MSYSTEM-DA3 Datasheet
179Kb / 7P
Plug-in Signal Conditioners M-UNIT
CTH MSYSTEM-CTH Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
CTC MSYSTEM-CTC Datasheet
192Kb / 6P
Plug-in Signal Conditioners M-UNIT
JUA MSYSTEM-JUA Datasheet
183Kb / 5P
Plug-in Signal Conditioners M-UNIT
JRP2 MSYSTEM-JRP2 Datasheet
156Kb / 5P
Plug-in Signal Conditioners M-UNIT
JPA2 MSYSTEM-JPA2 Datasheet
142Kb / 5P
Plug-in Signal Conditioners M-UNIT
LCF MSYSTEM-LCF Datasheet
115Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com