Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTCEC-2175D-B Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # LTCEC-2175D-B
Description  Power Transducer Series LT-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTCEC-2175D-B Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  LTCEC-2175D-B Datasheet HTML 1Page - M-System Co.,Ltd. LTCEC-2175D-B Datasheet HTML 2Page - M-System Co.,Ltd. LTCEC-2175D-B Datasheet HTML 3Page - M-System Co.,Ltd. LTCEC-2175D-B Datasheet HTML 4Page - M-System Co.,Ltd. LTCEC-2175D-B Datasheet HTML 5Page - M-System Co.,Ltd. LTCEC-2175D-B Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: LTCEC
LTCEC SPECIFICATIONS
ES-3373 Rev.9 Page 4/6
http://www.m-system.co.jp/
CONNECTION DIAGRAM
+
–
OUTPUT
11
12
1
2
LOAD
SOURCE
CONNECTOR*
CLAMP-ON SENSOR
U(+)
V(–)
15
16
*Connector provided only for the CLSA-08 and CLSA-12.
k
l
AUXILIARY POWER
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
1
2
3
4
5
6
11
12
13
14
15
16
7
8
9
10
54 (2.13)
72 (2.83)
[4 (.16)]
143 (5.63)
3
(.12)
DIN RAIL
35mm wide
8 (.31)
2–M4 MTG HOLE
16–M4 SCREW
TERMINAL COVER (option /T)
10 (.39)
• When mounting, no extra space is needed between units.
■ Sensor model No.: CLSA-08
L
K
10 (.39)
dia.
41 (1.61)
27 (1.05)
26 (1.02)
150 (5.91)
3000 (118)
l
k
■ Sensor model No.: CLSA-12
16 (.63)
dia.
44.5 (1.75)
30 (1.18)
31 (1.22)
150 (5.91)
l
k
L
K
3000 (118)
■ Sensor model No.: CLSA-30
24 (.94)
dia.
64 (2.52)
40 (1.57)
34 (1.34)
200 (7.87)
4
(.16)
4
(.16)
l
k
K
L
■ Sensor model No.: CLSA-50
36 (1.41)
dia.
80 (3.15)
50 (1.97)
38 (1.50)
4
(.16)
4
(.16)
200 (7.87)
l
k
K
L



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com