Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32WLE5C8I6TR Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32WLE5C8I6TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE5C8I6TR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32WLE5C8I6TR Datasheet HTML 73Page - STMicroelectronics STM32WLE5C8I6TR Datasheet HTML 74Page - STMicroelectronics STM32WLE5C8I6TR Datasheet HTML 75Page - STMicroelectronics STM32WLE5C8I6TR Datasheet HTML 76Page - STMicroelectronics STM32WLE5C8I6TR Datasheet HTML 77Page - STMicroelectronics STM32WLE5C8I6TR Datasheet HTML 78Page - STMicroelectronics STM32WLE5C8I6TR Datasheet HTML 79Page - STMicroelectronics STM32WLE5C8I6TR Datasheet HTML 80Page - STMicroelectronics STM32WLE5C8I6TR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 145 page
background image
DS13105 Rev 8
77/145
STM32WLE5/E4xx
Electrical characteristics
133
Figure 15. VREFINT versus temperature
5.3.7
Supply current characteristics
The current consumption is a function of several parameters and factors such as operating
voltage, ambient temperature, I/O pin loading, device software configuration, operating
frequencies, I/O pin switching rate, program location in memory and executed binary code.
The current consumption is measured as described in Figure 14.
Typical and maximum current consumption
The device is put under the following conditions:
•
All I/O pins are in analog input mode.
•
All peripherals are disabled, except when explicitly mentioned.
•
The Flash memory access time is adjusted with the minimum wait-states number,
depending on the fHCLK frequency. Refer to the table ‘Number of wait states according
to Flash clock (HCLK3) frequency’ in the reference manual (RM0461).
•
fPCLK = fHCLK when the peripherals are enabled.
•
fPCLK = fHCLK = fHCLKS for the Flash memory and shared peripherals.
Parameters given in the tables below (Table 36 to Table 52) are derived from tests
performed under ambient temperature and supply voltage conditions summarized in
Table 25: General operating conditions.
MSv66005V3
1.185
1.19
1.195
1.2
1.205
1.21
1.215
1.22
1.225
1.23
1.235
-40
-20
0
20
40
60
80
100
120
V
°C
Mean
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com