| Electronic Components Datasheet Search |
|
STM32WLE5C8I7TR Datasheet(PDF) 94 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE5C8I7TR Datasheet(HTML) 94 Page - STMicroelectronics |
|
94 / 145 page ![]() Electrical characteristics STM32WLE5/E4xx 94/145 DS13105 Rev 8 Table 54. Low-power mode wakeup timings(1) Symbol Parameter Conditions Typ Max Unit tWUSLEEP Wakeup time from Sleep to Run mode - 0.188 0.222 µs tWULPSLEEP Wakeup time from LPSleep to LPRun mode Wakeup in Flash with memory in power-down during LPSleep mode (FPDS = 1 in PWR_CR1) and with clock MSI = 2 MHz 3.81 4.38 tWUSTOP0 Wakeup time from Stop 0 mode in Flash memory(2) To Run mode (Range 1) Wakeup clock MSI = 48 MHz 2.14 2.90 µs Wakeup clock MSI = 16 MHz 2.78 3.58 Wakeup clock HSI16 = 16 MHz 1.99 - Wakeup clock HSI16 = 16 MHz with HSIKERON enabled 1.01 1.13 Wakeup clock MSI = 4 MHz 6.79 8.21 Wakeup clock MSI = 2 MHz 10.4 12.2 To LPRun mode Wakeup clock MSI = 2 MHz 10.5 12.3 tWUSTOP1 Wakeup time from Stop 1 mode in Flash memory(2) To Run mode (Range 1) Wakeup clock MSI = 48 MHz 5.15 6.55 µs Wakeup clock MSI = 16 MHz 5.73 7.14 Wakeup clock HSI16 = 16 MHz 5.71 7.10 Wakeup clock HSI16 = 16 MHz with HSIKERON enabled 4.57 6.52 Wakeup clock MSI = 4 MHz 8.43 9.93 Wakeup clock MSI = 2 MHz 11.9 13.7 To LPRun mode Wakeup clock MSI = 2 MHz 10.6 13.9 tWUSTOP2 Wakeup time from Stop 2 mode in Flash memory(2) To Run mode (Range 1) Wakeup clock MSI = 48 MHz 5.56 6.85 µs Wakeup clock MSI = 16 MHz 6.32 7.59 Wakeup clock HSI16 = 16 MHz 6.28 7.51 Wakeup clock HSI16 = 16 MHz with HSIKERON enabled 6.26 7.53 Wakeup clock MSI = 4 MHz 9.69 10.9 Wakeup clock MSI = 2 MHz 14.0 15.4 tWUSTBY Wakeup time from Standby to Run mode Range 1 Wakeup clock MSI = 4 MHz 34.3 39.2 µs Wakeup clock MSI = 8 MHz 22.4 25.6 tWUSHUTD Wakeup time from Shutdown to Run mode Range 1 Wakeup clock MSI = 4 MHz 264 316 1. Guaranteed by characterization results (VDD = 3 V, T = 25 °C). 2. Wakeup time is equivalent when code is executed from SRAM1 compared to Flash memory. It is also equivalent when going to Range 2 rather than Range 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |