Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FUSB308B Datasheet(PDF) 11 Page - ON Semiconductor

Part # FUSB308B
Description  USB Type-C Port Controller with USB-PD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB308B Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FUSB308B Datasheet HTML 7Page - ON Semiconductor FUSB308B Datasheet HTML 8Page - ON Semiconductor FUSB308B Datasheet HTML 9Page - ON Semiconductor FUSB308B Datasheet HTML 10Page - ON Semiconductor FUSB308B Datasheet HTML 11Page - ON Semiconductor FUSB308B Datasheet HTML 12Page - ON Semiconductor FUSB308B Datasheet HTML 13Page - ON Semiconductor FUSB308B Datasheet HTML 14Page - ON Semiconductor FUSB308B Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
FUSB308B
www.onsemi.com
11
Voltage Transitions
The FUSB308B has two source control ports: SRC and
SRC_HV. There are two ways to transition between SRC
and SRC_HV as seen in Figure 9 through Figure 12.
Figure 9. Transition to vSafe5V on Power Up
Power Up
Read
ALERT
Enable SRC path
SRC = High
FUSB30x
TCPM
Sourcing Disabled
PWRSTAT.SOURCE_VBUS=0b
PWRSTAT.SOURCE_HV=0b
SRC = Low
SRC_HV=Low
Prepare device to source vSafe5v
Write:
PWRCTRL.DIS_VALARM=1b
PWRCTRL.AUTO_DISCH=0b
Voltage Transition Complete
Set PWRSTAT.SOURCE_VBUS =1b
Set ALERT.I_PORT_PWR = 1b
Enable vSafe5v Source
Write COMMAND.SourceVbusDefaultVoltage
VBUS > vSafe5V(min)?
Y
No
Notify Policy Engine that voltage
transition is complete
Transition to vSafe5v Path on Power up
Sourcing vSafe5V
ALERT.I_PORT_PWR=1b?
Service other
ALERTS
No
Read ALERT
Read PWRSTAT
Yes
Enable Auto Discharge
PWRCTRL.AUTO_DISCH=1b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com