Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSV7721ILT Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSV7721ILT
Description  High bandwidth (22 MHz) low offset (200 μV) 5 V op amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV7721ILT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSV7721ILT Datasheet HTML 7Page - STMicroelectronics TSV7721ILT Datasheet HTML 8Page - STMicroelectronics TSV7721ILT Datasheet HTML 9Page - STMicroelectronics TSV7721ILT Datasheet HTML 10Page - STMicroelectronics TSV7721ILT Datasheet HTML 11Page - STMicroelectronics TSV7721ILT Datasheet HTML 12Page - STMicroelectronics TSV7721ILT Datasheet HTML 13Page - STMicroelectronics TSV7721ILT Datasheet HTML 14Page - STMicroelectronics TSV7721ILT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC
EN = VCC-
-40°C < T < 125°C
4
µA
ton
Amplifier turn-on time (other channel
already on)
VOUT = VCC - to VCC - + 0.2 V
1.5
µs
tinit
Initialization time (both channels off)
VOUT to 200 mV of final value
38
µs
VIH
EN logic high
1.2
V
VIL
EN logic low
0.6
IIH
EN current high
EN = VCC+
1
pA
IIL
EN current low
EN = VCC-
1
IOleak
Output leakage in shutdown mode,
EN = VCC-
T = 25°C
50
pA
-40°C < T < 125°C
15
nA
1. Slew rate value is calculated as the average between positive and negative slew rates.
TSV7721, TSV7722, TSV7723
Electrical characteristics
DS13614 - Rev 3
page 11/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com