Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR3045C Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # MBR3045C
Description  SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MBR3045C Datasheet(HTML) 2 Page - Rectron Semiconductor

  MBR3045C Datasheet HTML 1Page - Rectron Semiconductor MBR3045C Datasheet HTML 2Page - Rectron Semiconductor MBR3045C Datasheet HTML 3Page - Rectron Semiconductor MBR3045C Datasheet HTML 4Page - Rectron Semiconductor MBR3045C Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
0
0.01
1.0
0.1
10
100
1000
20
40
60
80
100
120
140
TA =150
OC
FIG.2
REVERSE
CHARACTERISTICS
MAXIMUM
FIG.3
INSTANTANEOUS FORWARD
CHARACTERISTICS
MAXIMUM
FIG.4
NUMBER OF CYCLES AT 60Hz
1
100
40
10
140
60
80
230
200
2
5
10
20
50
100
MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
At rated TL
8.3mS Single Half Sine-Wave
JEDEC Method
INSTANTANEOUS FORWARD VOLTAGE, (V)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0.1
1.0
10
50
TJ = 25
OC
Pulse width=300 S
1% Duty Cycle
MBR3045C
MBR3060C
TA =25
OC
0.4
1.3
MBR30200C
MBR30100C
MBR30150C
CASE TEMPERATURE, (
O
C)
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
24
30
6
12
18
36
MBR30100C-MBR30200C
MBR3045C-MBR3060C
RATING AND CHARACTERISTICS CURVES (MBR3045C THRU MBR30200C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com