Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFP2N60 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DFP2N60
Description  High ruggedness N-Channel MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DFP2N60 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DFP2N60 Datasheet HTML 1Page - List of Unclassifed Manufacturers DFP2N60 Datasheet HTML 2Page - List of Unclassifed Manufacturers DFP2N60 Datasheet HTML 3Page - List of Unclassifed Manufacturers DFP2N60 Datasheet HTML 4Page - List of Unclassifed Manufacturers DFP2N60 Datasheet HTML 5Page - List of Unclassifed Manufacturers DFP2N60 Datasheet HTML 6Page - List of Unclassifed Manufacturers DFP2N60 Datasheet HTML 7Page - List of Unclassifed Manufacturers DFP2N60 Datasheet HTML 8Page - List of Unclassifed Manufacturers DFP2N60 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
Copyright@ BoSung D&I Semiconductor Co., Ltd., Korea . All rights reserved.
DFP2N60/DFF2N60
04
8
12
16
0
2
4
6
8
10
12
V
DS = 120V
V
DS = 300V
V
DS = 480V
Note : I
※
D = 2.4 A
Q
G, Total Gate Charge [nC]
0
5
10
15
20
25
30
35
40
0
250
500
750
C
iss=Cgs+Cgd(Cds=shorted)
C
oss=Cds+Cgd
C
rss=Cgd
Notes :
※
1. V
GS = 0V
2. f=1MHz
C
iss
C
oss
C
rss
V
DS, Drain-Source Voltage [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
-1
10
0
10
1
150℃
Notes :
※
1. V
GS = 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
01
2
3
45
6
0
2
4
6
8
10
12
V
GS = 20V
V
GS = 10V
Note : T
※
J = 25℃
I
D, Drain Current [A]
23
4
5
6
789
10
10
-1
10
0
10
1
150
oC
25
oC
-55
oC
Notes :
※
1. V
DS = 50V
2. 250μ s Pulse Test
V
GS, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-2
10
-1
10
0
10
1
Notes :
※
1. 250μ s Pulse Test
2. T
C = 25℃
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
Bottom :
5.5 V
V
DS, Drain-Source Voltage [V]
Fig 4. On State Current vs.
Allowable Case Temperature
Fig 5. Capacitance Characteristics
( Non-Repetitive )
Fig 6. Gate Charge Characteristics
Fig 1. On-State Characteristics
Fig 2. Transfer Characteristics
Fig 3. On Resistance Variation vs.
Drain Current and Gate Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com