Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MD7ST-24FG10 Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MD7ST-24FG10
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD7ST-24FG10 Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MD7ST-24FG10 Datasheet HTML 1Page - M-System Co.,Ltd. MD7ST-24FG10 Datasheet HTML 2Page - M-System Co.,Ltd. MD7ST-24FG10 Datasheet HTML 3Page - M-System Co.,Ltd. MD7ST-24FG10 Datasheet HTML 4Page - M-System Co.,Ltd. MD7ST-24FG10 Datasheet HTML 5Page - M-System Co.,Ltd. MD7ST-24FG10 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MODEL: MD7ST
MD7ST SPECIFICATIONS
ES-8057 Rev.10 Page 4/6
http://www.m-system.co.jp/
CONNECTION EXAMPLES
5
2
8
4
1
(SHLD)
DIN RAIL
DIN RAIL
ADAPTOR
Current Loop Supply
4 – 20mA
Transmitter
Field-mount
Surge Protector
(model: MD6x)
+
–
+
–
FG
Protected Side
Crossover Wire
Surge Side
*1.Oxide film on the surface of an aluminium rail may lower the electric conductivity between this module and the ground.
Use a steel or copper rail.
*2.Be sure to ground the DIN rail. Recommended grounding resistance ≤100Ω
*3.Cross-wire between the DIN rail and the metal housing of the protected device to equalize the earth potential.
Ground only the surge protector when the protected device has no ground terminal.
*4.Shield wiring method is an example. Proceed according to the system requirements.
*4
*2
*1
*3
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
8
6
5
4
1
2
3
7
4
1
5
2
6
3
8
7
7
(.28)
98 (3.86)
[1.5 (.05)]
8–M3 EURO
TERMINAL
DIN RAIL
(35 mm wide)
DIN RAIL
ADAPTOR
WIRE INSERTION ANGLE: approx. 20°
LOOP DISCONNECT
FUSE (option)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com