Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTS64K Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # FTS64K
Description  64k bytes of Flash memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

FTS64K Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button FTS64K Datasheet HTML 18Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 19Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 20Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 21Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 22Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 23Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 24Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 25Page - Freescale Semiconductor, Inc FTS64K Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
FTS64K Block User Guide — Version V01.00
22
3.3.4 FCNFG — Flash Configuration Register
The FCNFG register enables the Flash interrupts and gates the security backdoor writes.
Figure 3-5 Flash Configuration Register (FCNFG)
CBEIE, CCIE and KEYACC are readable and writable. Bits 4-0 read zero and are not writable.
CBEIE — Command Buffer Empty Interrupt Enable.
The CBEIE bit enables the interrupts in case of an empty command buffer in the Flash.
1 = An interrupt will be requested whenever the CBEIF flag, Figure 3-7, is set.
0 = Command Buffer Empty interrupts disabled.
CCIE — Command Complete Interrupt Enable.
The CCIE bit enables the interrupts in case of all commands being completed in the Flash.
1 = An interrupt will be requested whenever the CCIF, Figure 3-7, flag is set.
0 = Command Complete interrupts disabled.
KEYACC — Enable Security Key Writing.
1 = Writes to Flash array are interpreted as keys to open the backdoor. Reads of the Flash array
return invalid data.
0 = Flash writes are interpreted as the start of a program or erase sequence.
3.3.5 FPROT — Flash Protection Register
The FPROT register defines which Flash sectors are protected against program or erase.
Figure 3-6 Flash Protection Register (FPROT)
Register address BASE + $103
76543210
R
CBEIE
CCIE
KEYACC
00000
W
Reset:
00000000
= Unimplemented or Reserved
Register address BASE + $104
76543210
R
FPOPEN
NV6
FPHDIS
FPHS1
FPHS0
FPLDIS
FPLS1
FPLS0
W
Reset:
FFFFFFFF
= Unimplemented or Reserved
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com