| Electronic Components Datasheet Search |
|
LPD-13PC-R/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LPD-13PC-R/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 3 page ![]() MODEL: LPD http://www.m-system.co.jp/ LPD SPECIFICATIONS ES-1989 Rev.6 Page 3/3 CONNECTION DIAGRAM + – OUTPUT 11 U(+) V(–) 9 10 12 V U v u FUSE VT 3 5 6 For measuring line voltages, use the terminals 1 and 4. For measuring phase voltages, use the terminals 2 and 5. 4 A2 REFERENCE INPUT 1 2 B2 C2 V U v u FUSE VT 3 2 3 1 A1 MEASURED INPUT 1 2 B1 C1 AUXILIARY POWER EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch) 112 (4.41) [3.3 (.13)] DIN RAIL 35mm wide 8 (.31) M3.5 SCREW (Only on the used terminals) 75 (2.95) TERMINAL COVER 2–5.8 (.23) dia. or 2–4.8 (.18) dia. MTG HOLE 8 (.31) deep •When mounting, no extra space is needed between units. 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 MOUNTING REQUIREMENTS unit: mm (inch) 2–M5 60 (2.36) ■ M5 SCREWS 2–M4 60 (2.36) ■ M4 SCREWS Specifications are subject to change without notice. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |