Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTCEC-2602-D/Q Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # LTCEC-2602-D/Q
Description  Power Transducer Series LT-UNIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTCEC-2602-D/Q Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  LTCEC-2602-D/Q Datasheet HTML 1Page - M-System Co.,Ltd. LTCEC-2602-D/Q Datasheet HTML 2Page - M-System Co.,Ltd. LTCEC-2602-D/Q Datasheet HTML 3Page - M-System Co.,Ltd. LTCEC-2602-D/Q Datasheet HTML 4Page - M-System Co.,Ltd. LTCEC-2602-D/Q Datasheet HTML 5Page - M-System Co.,Ltd. LTCEC-2602-D/Q Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MODEL: LTCEC
LTCEC SPECIFICATIONS
ES-3373 Rev.9 Page 3/6
http://www.m-system.co.jp/
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 10 V max.
■ DC Voltage: 0 – 12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max.; at ≥ 0.5 V
5
OUT
10V
• Operation Diagram (example)
0
25
50A
IN
0
12
OUT
20mA
4
25
50A
IN
0
INSTALLATION
Auxiliary Power
•AC: Operational voltage range: rating -15/+10 %,
50/60 Hz, approx. 3 VA
•DC: Operational voltage range for R, V: Rating
±10 % or P: 85 – 150 V; ripple 10 %p-p max.
approx. 1.7 W (15 mA at 110 V)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 450 g (0.99 lb)
PERFORMANCE in percentage of span
Accuracy: ±0.5 % (±1.0 % at 400 Hz) at 23°C ±10°C
or 73.4°F ±18°F, 45 – 65 Hz
Magnetic field (ext. origin) effect: ± 0.5 % (400 A/m)
Response time: ≤ 1 sec. (0 – 100 % ±1 %)
Ripple: 0.5 %p-p max.
Line voltage effect: ±0.25 % over voltage range
Insulation resistance: ≥100 MΩ with 500 V DC
(input to output to auxiliary power)
≥100 MΩ with 500 V DC
(sensor core to sensor output)
Dielectric strength: 2000 V AC @ 1 minute
(input to output to auxiliary power to ground)
1000 V AC @ 1 minute
(sensor core to sensor output)
Impulse withstand voltage: 1.2 / 50 μsec., ±5 kV
(input to output or ground)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com