Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M50FLW040AN1T Datasheet(PDF) 21 Page - STMicroelectronics

Part # M50FLW040AN1T
Description  4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040AN1T Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M50FLW040AN1T Datasheet HTML 17Page - STMicroelectronics M50FLW040AN1T Datasheet HTML 18Page - STMicroelectronics M50FLW040AN1T Datasheet HTML 19Page - STMicroelectronics M50FLW040AN1T Datasheet HTML 20Page - STMicroelectronics M50FLW040AN1T Datasheet HTML 21Page - STMicroelectronics M50FLW040AN1T Datasheet HTML 22Page - STMicroelectronics M50FLW040AN1T Datasheet HTML 23Page - STMicroelectronics M50FLW040AN1T Datasheet HTML 24Page - STMicroelectronics M50FLW040AN1T Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
21/52
M50FLW040A, M50FLW040B
Table 13. Commands
Note: 1. For all commands: the first cycle is a Write. For the first three commands (Read Memory, Read Status Register, Read Electronic
Signature), the second and next cycles are READ. For the remaining commands, the second and next cycles are WRITE.
BA = Any address in the Block, SA = Any address in the Sector. X = Don’t Care, except that A22=1 (for FWH or LPC mode), and
A21, A20 and A19 are set according to the rules shown in Table 5. (for LPC mode)
2. After a Read Memory Array command, read the memory as normal until another command is issued.
3. After a Read Status Register command, read the Status Register as normal until another command is issued.
4. After the erase and program commands read the Status Register until the command completes and another command is issued.
5. After the Clear Status Register command bits SR1, SR3, SR4 and SR5 in the Status Register are reset to ‘0’.
6. While an operation is being Program/Erase Suspended, the Read Memory Array, Read Status Register, Program (during Erase
Suspend) and Program/Erase Resume commands can be issued.
7. The Program/Erase Resume command causes the Program/Erase suspended operation to resume. Read the Status Register until
the Program/Erase Controller completes and the memory returns to Read Mode.
8. Do not use Invalid or Reserved commands.
9. Multiple Byte Program PA= start address, A0 (Double Byte Program) A0 and A1 (Quadruple Byte Program) are Don`t Care. PD is
two or four Bytes depending on Msize code.
10. “1+” indicates that there is one write cycle, followed by any number of read cycles.
11. Configuration registers are accessed directly without using any specific command code. A single Bus Write or Bus Read Operation
is all that is needed.
12. Addresses A1, A2, A3 and A4 must be consecutive addresses, differing only in address bits A0 and A1.
Command
Bus Operations(1)
1st
2nd
3rd
4th
5th
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read Memory
Array(2,10,11)
1+
X
FFh
Read
Addr
Read
Data
(Read
Addr2)
(Read
Data2)
(Read
Addr3)
(Read
Data3)
(Read
Addr4)
(Read
Data4)
Read Status
Register(3,10)
1+
X
70h
X
Status
Reg
(X)
(Status
Reg)
(X)
(Status
Reg)
(X)
(Status
Reg)
Read Electronic
Signature(10)
1+
X
90h or
98h
Sig
Addr
Signat
ure
(Sig
Addr)
(Signat
ure)
(Sig
Addr)
(Signat
ure)
(Sig
Addr)
(Signat
ure)
Program / Multiple
Byte program
(FWH)(4,9,11)
2X
40h or
10h
Prog
Addr
Prog
Data
Quadruple Byte
Program
(A/A Mux)(4,12)
5
X
30h
A1
Prog
Data1
A2
Prog
Data2
A3
Prog
Data3
A4
Prog
Data4
Chip Erase(4)
2
X
80h
X
10h
Block Erase(4)
2
X
20h
BA
D0h
Sector Erase(4)
2
X
32h
SA
D0h
Clear Status
Register(5)
1
X
50h
Program/Erase
suspend(6)
1X
B0h
Program/Erase
resume(7)
1X
D0h
Invalid reserved(8)
1
X
00h
1
X
01h
1
X
60h
1X
2Fh
1X
C0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com