| Electronic Components Datasheet Search |
|
CS8404A-CS Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
CS8404A-CS Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers |
|
14 / 31 page ![]() Output Input ERS/ECG/NTE Voltage Io Voltage Cross Positive/ VOUT A V In (DC) PD Order # Reference Negative (DC) D/C Max Min Watts TO-92 78L05 977 Positive 5 0.1 30 7 0.7 79L05 1917 Negative 5 0.1 30 7 0.7 78L08 981 Positive 8 0.1 30 10 1.0 78L12 950 Positive 12 0.1 35 14 0.7 79L12 1903 Negative 12 0.1 35 14 0.7 78L15 951 Positive 15 0.1 35 17 0.7 79L15 1905 Negative 15 0.1 35 17 0.7 78L18 1906 Positive 18 0.1 35 20 0.7 SK10050 1908 Positive 24 0.1 40 26 0.7 TO-220 7805 960 Positive 5 1.0 35 7 15 7905 961 Negative 5 1.0 35 7 15 7806 962 Positive 6 1.0 35 8 15 7906 963 Negative 6 1.0 35 8 15 Output Input ERS/ECG/NTE Voltage Io Voltage Cross Positive/ VOUT A V In (DC) PD Order # Reference Negative (DC) D/C Max Min Watts TO-220 7808 964 Positive 8 1.0 35 10 15 7908 965 Negative 8 1.0 35 10 15 7810 1932 Positive 10 1.0 35 12 20 7812 966 Positive 12 1.0 35 14 15 7912 967 Negative 12 1.0 35 14 15 7815 968 Positive 15 1.0 35 17 15 7915 969 Negative 15 1.0 35 17 15 7818 958 Positive 18 1.0 35 20 15 7918 959 Negative 18 1.0 35 20 15 7824 972 Positive 24 1.0 40 26 15 7924 971 Negative 24 1.0 40 26 15 TO-3 LM309 309K Positive 5 1.5 35 7.5 20 SK9334 1913 Negative 5 1.5 35 7.5 20 L7812 1914 Positive 12 1.5 35 14.1 15 M-MC7915CT 1919 Negative 15 1.5 40 17.4 20 SK10053 1920 Positive 18 1.5 35 20.5 20 SK10054 1923 Negative 18 1.5 35 20.5 20 350 Order Online www.mcmelectronics.com NET 30 Terms Semiconductors/ Components section 16 IC Protectors, Surface Mount •Features very reliable current cut-off capability that protects ICs and their circuits from accidental short circuit loads •50V •Operating temperature: -55~+125°C Order # Current (A) (1-9) (10-24) ICP-S0.5 .5 $1.19 $1.16 ICP-S0.7 .7 1.19 1.16 ICP-S1.0 1.0 0.99 0.97 ICP-S1.2 1.2 0.69 0.68 ICP-S1.8 1.8 0.99 0.97 ICP-S2.3 2.3 0.69 0.66 IC Protectors Original IC protectors used in many brands of VCRs and camcorders like JVC, RCA, Hitachi, Zenith and Sony. Order # Current(A) (1-9) (10-up) ICP-F10 .4 $0.59 $0.52 ICP-F15 .6 0.59 0.54 ICP-F20 .8 0.59 0.52 ICP-F25 1.5 0.59 0.54 ICP-F38 1.54 0.59 0.52 ICP-F50 2.0 0.59 0.52 ICP-F75 2.7 0.59 0.54 ICP-N5 .25 0.59 0.52 ICP-N10 .4 0.59 0.52 ICP-N15 .6 0.59 0.54 ICP-N20 .8 0.59 0.54 ICP-N25 1.0 0.59 0.54 ICP-N38 1.5 0.59 0.54 ICP-N50 2.0 0.59 0.54 ICP-N70 2.5 0.59 0.54 ICP-N75 2.7 0.59 0.54 #ICP-F #ICP-N Low-Profile Machined Pin Solder-Tail Sockets Order # Pins Contact Plating (1-9) (10-49) (50-up) 28-8168 18 Gold $1.32 $1.23 $1.12 28-8182 24 Tin 1.32 1.23 1.12 28-8185 40 Tin 2.08 — — 28-8174 48 Gold 3.18 3.08 2.86 28-8186 48 Tin 2.64 2.60 2.38 Wire-Wrap DIP Sockets •Standard profile DIP sockets with wire-wrap termination Contact Order # Pins Plating (1-9) (10-49) (50-up) 28-8150 14 Gold $1.75 $1.69 $1.46 28-8152 16 Gold 1.98 1.92 1.69 28-8153 16 Tin 1.64 1.58 1.36 28-8155 24 Gold 3.18 3.08 2.74 28-8156 28 Gold 3.41 3.29 2.96 28-8157 40 Gold 4.85 4.76 4.54 Super Flat IC Sockets •Super-flat machined pin low-profile DIP sockets Order # Pins (1-9) (10-49) (50-up) 28-8190 16 $1.53 $1.46 $1.36 28-8191 18 1.64 1.53 1.42 28-8192 20 1.86 1.80 1.58 28-8193 24 0.75 — — 28-8195 40 3.41 3.28 3.05 Dip IC Sockets Order # Pins (1-9) (10-49) (50-up) 28-233 8 $0.29 $0.27 $0.22 28-235 14 0.29 0.28 0.24 28-238 16 0.26 0.24 0.21 28-239 18 0.47 0.44 0.41 28-240 20 0.28 0.27 0.24 28-244 24 0.40 0.38 0.35 28-245 28 0.40 0.37 0.34 28-248 40 0.45 0.41 0.37 28-249 42 0.61 0.53 0.42 TO-3 Transistor Socket •Ideal for prototype work or replacing broken TO-3 sockets •Five per package Order # (1-2 pkgs.) (3 pkgs.-up) 21-1645 $6.75 $6.02 Mini Jumpers •Allows quick connection of circuits on circuit boards •Shorting socket jumper for address or code strip line plugs •25 per bag Order # Type Height (1-4 bags) (5 bags-up) 83-2170 Open 4mm $1.12 $1.04 83-2175 Closed 6mm 1.12 1.01 83-2180 Open 6mm 1.29 1.19 83-2190 Open 8mm 1.12 1.01 TO-220 Style Heat Sinks Dimensions Order # Mfr. # (H) (W) (1-29) (30-49) (50-up) 28-4338 4880 - - $0.90 $0.72 $0.62 28-4340 7128D 1.040" .866" 0.85 0.73 0.62 28-4365 6025B-TT 1.250" .875" 1.94 1.68 1.36 28-4386 274-2AB .520" .500" 0.30 0.27 0.22 Suffixes: D Copper Material, TT Tin Tabbed, AB Black Anodized Aluminum #28-4386 #28-4340 #28-4365 #28-4338 Clip-On Heat Sink Set •Five spring loaded aluninum heat sinks •Just clip onto lead of heat sensitive compinent to solder •Dissipates heat safely without damaging component •Five per set Order # (1-9 sets) (10-24 sets) (25-49 sets) 21-675 $4.39 $3.87 $3.46 VOLTAGE REGULATOR SELECTOR GUIDE TO-92 TO-220 TO-3 C52_pg_350 8/14/07 12:45 PM Page 350 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |