Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M50FLW040AN5P Datasheet(PDF) 23 Page - STMicroelectronics

Part # M50FLW040AN5P
Description  4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040AN5P Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M50FLW040AN5P Datasheet HTML 19Page - STMicroelectronics M50FLW040AN5P Datasheet HTML 20Page - STMicroelectronics M50FLW040AN5P Datasheet HTML 21Page - STMicroelectronics M50FLW040AN5P Datasheet HTML 22Page - STMicroelectronics M50FLW040AN5P Datasheet HTML 23Page - STMicroelectronics M50FLW040AN5P Datasheet HTML 24Page - STMicroelectronics M50FLW040AN5P Datasheet HTML 25Page - STMicroelectronics M50FLW040AN5P Datasheet HTML 26Page - STMicroelectronics M50FLW040AN5P Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
23/52
M50FLW040A, M50FLW040B
When the Program Suspend Status bit is ‘0’, the
Program/Erase Controller is active, or has com-
pleted its operation. When the bit is ‘1’, a Program/
Erase Suspend command has been issued and
the memory is waiting for a Program/Erase Re-
sume command.
When a Program/Erase Resume command is is-
sued, the Program Suspend Status bit returns to
‘0’.
Block Protection Status (Bit SR1). The
Block
Protection Status bit can be used to identify if the
Program or Erase operation has tried to modify the
contents of a protected block. When the Block Pro-
tection Status bit is to ‘0’, no Program or Erase op-
erations have been attempted to protected blocks
since the last Clear Status Register command or
hardware reset. When the Block Protection Status
bit is ‘1’, a Program or Erase operation has been
attempted on a protected block.
Once it is set to ‘1’, the Block Protection Status bit
can only be reset to ‘0’ by a Clear Status Register
command or by a hardware reset. If it is set to ‘1’,
it should be reset before a new Program or Erase
command is issued, otherwise the new command
will appear to have failed, too.
Using the A/A Mux Interface, the Block Protection
Status bit is always ‘0’.
Reserved (Bit SR0). Bit 0 of the Status Register
is reserved. Its value should be masked.
Table 14. Status Register Bits
Note: 1. For Program operations during Erase Suspend Bit SR6 is ‘1’, otherwise Bit SR6 is ‘0’.
Operation
SR7
SR6
SR5
SR4
SR3
SR2
SR1
Program active
‘0’
X(1)
‘0’‘0’‘0’‘0’‘0’
Program suspended
‘1
X(1)
‘0’‘0’‘0’‘1’‘0’
Program completed successfully
‘1’
X(1)
‘0’‘0’‘0’‘0’‘0’
Program failure due to VPP Error
‘1’
X(1)
‘0’‘1’‘1’‘0’‘0’
Program failure due to Block Protection (FWH/LPC Interface
only)
‘1’
X(1)
‘0’‘1’‘0’‘0’‘1’
Program failure due to cell failure
‘1’
X(1)
‘0’‘1’‘0’‘0’‘0’
Erase active
‘0’‘0’‘0’‘0’‘0’‘0’‘0’
Erase suspended
‘1’‘1’‘0’‘0’‘0’‘0’‘0’
Erase completed successfully
‘1’‘0’‘0’‘0’‘0’‘0’‘0’
Erase failure due to VPP Error
‘1’‘0’‘1’‘0’‘1’‘0’‘0’
Erase failure due to Block Protection (FWH/LPC Interface
only)
‘1’‘0’‘1’‘0’‘0’‘0’‘1’
Erase failure due to failed cell(s) in block
‘1’‘0’‘1’‘0’‘0’‘0’‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com