Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS70V Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BAS70V
Description  SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BAS70V Datasheet(HTML) 1 Page - Rectron Semiconductor

  BAS70V Datasheet HTML 1Page - Rectron Semiconductor BAS70V Datasheet HTML 2Page - Rectron Semiconductor BAS70V Datasheet HTML 3Page - Rectron Semiconductor BAS70V Datasheet HTML 4Page - Rectron Semiconductor BAS70V Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SWITCHING DIODE
)($785(6
z Low
turn-on voltage
z Fast switching
z Also available in lead free version
BAS70 Marking: 73
BAS70-04 Marking: 74
BAS70-05 Marking: 75
BAS70-06 Marking: 76
0$;,0805$7,1*6#7D 
6\PERO3DUDPHWHU
9DOXH8QLW
95
DC Voltage
70
V
,)
Forward Continuous Current
70
mA
3'
Power
Dissipation
200
mW
7-
Junction Temperature
7VWJ
Storage Temperature
-55
~+150
(/(&75,&$/ &+$5$&7(5,67,&6 7D  XQOHVVRWKHUZLVHVSHFLILHG
3DUDPHWHU
6\PERO
7HVW FRQGLWLRQV
0LQ
0D[
8QLW
5HYHUVHEUHDNGRZQ YROWDJH
V(BR)
IR= 10—A
70
V
5HYHUVH YROWDJHOHDNDJ HFXUUHQW
IR
VR=50V
1
0
nA
)RUZDUG YROWDJH
VF
IF=1mA
IF=15mA
410
1000
mV
'LRGHFDS DFLWDQFH
CD
VR=0V f=1MHz
2
pF
5HYHUHVUHFRYHU\ WLPH
trr
IF=IR=10mA,Irr=0.1xIR,
RL=100
5
n
s
627
5 -$
7KHUPDO5HVLVWDQFH-XQFWLRQWR$PELHQW

Non-Repetitive Peak Forward Surge Current @ t =
PV
,)60
100
PA
/W
MARKING:
BA
6
BA
6
BA
6
BA
6
Solid dot = Green molding compound device,if none,
the normal device.
BAS70V
P/N suffix V means AEC-Q101qualified
P/N suffix V means Halogen-free
-55
~+150
, e.g:BAS70V
BAS70-04V
BAS70-05V
BAS70-06V
2020-11/02
REV:O


Similar Part No. - BAS70V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70VV PHILIPS-BAS70VV Datasheet
137Kb / 20P
General-purpose Schottky diodes
Rev. 08-4 May 2006
BAS70VV NXP-BAS70VV Datasheet
224Kb / 20P
General-purpose Schottky diodes
Rev. 09-13 January 2010
BAS70VV NXP-BAS70VV Datasheet
224Kb / 20P
General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
Nexperia B.V. All right...
BAS70VV NEXPERIA-BAS70VV Datasheet
192Kb / 8P
General-purpose triple Schottky diode
27 December 2022
BAS70VY NEXPERIA-BAS70VY Datasheet
209Kb / 8P
General-purpose triple Schottky diode
20 April 2023
More results

Similar Description - BAS70V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com